Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAW3602DH Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAW3602DH
Description  CMOS LASER MOUSE SENSOR
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3602DH Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAW3602DH Datasheet HTML 1Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 2Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 3Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 4Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 5Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 6Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 7Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 8Page - Pixart Imaging Inc. PAW3602DH Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PixArt Imaging Inc.
PAW3602DH
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Jun. 2007
1. Pin Description
Pin No. Name
Type
Definition
1
LD_P
PWR
LD control
2
LD_N
PWR
LD control
3
OSCOUT
OUT
Resonator output
4
OSCIN
IN
Resonator input
5
VDDD
PWR
Chip digital power, 3.3V
6
VSSD
GND
Chip digital ground
7
VSSA
GND
Chip analog ground
8
VDD
PWR
Chip power, 5V power supply
9
VDDA
PWR
Chip analog power, 3.3V
10
LDRES
IN
Connect to resistor input
11
YA
I/O
LD BIST mode input / YA quadrature output
12
YB
I/O
LD BIST mode input / YB quadrature output
13
XA
I/O
LD BIST mode input / XA quadrature output
14
XB
OUT
LD BIST mode fail output / XB quadrature output
15
CPI
IN
CPI select pin
Pull-high to VDD: 800 cpi (Default)
Pull-down to GND: 1600 cpi
16
LDTEST
IN
LD test pin
Floating (Chip internal pull-down): Disable LD test mode
Pull-high (3.3V ONLY) : Enable LD test mode
17
NC
-
No connection
18
SCLK
IN
Serial interface clock
19
SDIO
I/O
Serial interface bi-direction data
20
PD
IN
Power down pin, active high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com