Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC173MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC173MS8
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.8 - 2.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC173MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC173MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
9 - 3
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
-7
-6
-5
-4
-3
-2
-1
0
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
CONTROL VOLTAGE (V)
0.9 GHz
1.9 GHz
-10
-8
-6
-4
-2
0
2
4
6
8
10
0
0.5
1
1.5
2
2.5
3
CONTROL VOLTAGE (V)
-40C
+85C
HMC173MS8
v01.0801
Input P1dB
Compression@ .825 GHz
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
CONTROL VOLTAGE (V)
+85C
+25C
-40C
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, 0.8 - 2.0 GHz
-20
-15
-10
-5
0
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FREQUENCY (GHz)
2V
0V
2.25V
3V
Attenuation vs. Control Voltage
@ 0.9 and 1.9 GHz
Input IP3 vs.
Control Voltage @ .825 GHz
Attenuation vs. Temperature
Normalized to +25˚C @ .825 GHz
Broadband Attenuation
and Insertion Loss
Broadband Return Loss
vs. Control Voltage
Input Power for 1 dB Compression Point
Test Condidition
(.825 GHz)
VCTL
(Vdc)
Vdd
(Vdc)
+25C
+85C
-40C
Units
Min. Attenuation
0.0
+4.0
26
24
25
dBm
Max. Attenuation
+3.0
+4.0
16.5
15
23
dBm
Worst Case
P1dB @
Typical VCTL
+1.8
+4.0
16.5
15.5
14
dBm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com