Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC263LP4 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC263LP4
Description  GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC263LP4 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC263LP4_09 Datasheet HTML 1Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 2
HMC263LP4E
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 36 GHz
v01.0709
General Description
Features
Functional Diagram
The HMC263LP4E is a GaAs MMIC
Low Noise
Amplifier (LNA) which covers the frequency range
of 24 to 36 GHz and is housed in a leadless plastic
SMT package. The HMC263LP4E utilizes a GaAs
PHEMT process offering 20 dB gain from a single
bias supply of + 3V @ 58 mA with a noise figure of
2.2 dB. The HMC263LP4E may be used in conjunc-
tion with HMC264LC3B or HMC265LM3 mixers to
realize a millimeterwave system receiver. The RF I/Os
are DC blocked and matched to 50 Ohms requiring no
external components.
Low Noise Figure: 2.2 dB
High Gain: 20 dB
Single Positive Supply: +3V or +5V
DC Blocked RF I/Os
No External Matching
24 Lead 4x4mm QFN Package: 16mm2
Electrical Specifications, T
A = +25° C, Vdd = +3V
Typical Applications
The HMC263LP4E is ideal for:
• Millimeterwave Point-to-Point Radios
• LMDS
• VSAT
• SATCOM
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range
24 - 27
27 - 32
32 - 36
GHz
Gain
19
21
27
17
19
23
15
17
20
dB
Gain Variation Over Temperature
0.03
0.03
0.03
dB/°C
Noise Figure
2.0
3.0
2.2
3.0
2.5
4.0
dB
Input Return Loss
12
9
11
dB
Output Return Loss
10
9
9
dB
Output Power for 1 dB Compression (P1dB)
6
8
9
dBm
Saturated Output Power (Psat)
9
11
12
dBm
Output Third Order Intercept (IP3)
16
18
20
dBm
Supply Current (Idd) (@ Vdd = +3.0V)
58
77
58
77
58
77
mA


Similar Part No. - HMC263LP4_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
GaAs MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
More results

Similar Description - HMC263LP4_09

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA028N1-00 ALPHA-AA028N1-00 Datasheet
96Kb / 2P
24-30 GHz GaAs MMIC Low Noise Amplifier
AA035N1-00 ALPHA-AA035N1-00 Datasheet
173Kb / 3P
28-36 GHz GaAs MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC263 HITTITE-HMC263 Datasheet
212Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282 Datasheet
109Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER 36 - 40 GHz
HMC263 HITTITE-HMC263_07 Datasheet
231Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC341 HITTITE-HMC341_07 Datasheet
222Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 30 GHz
HMC263LP4E HITTITE-HMC263LP4E Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC263LP4E HITTITE-HMC263LP4E_09 Datasheet
272Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
HMC282 HITTITE-HMC282_00 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 36 - 40 GHz
HMC263LP4E HITTITE-HMC263LP4E_10 Datasheet
963Kb / 8P
GaAs MMIC LOW NOISE AMPLIFIER, 24 - 36 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com