Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC271LP4E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC271LP4E
Description  1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC271LP4E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC271LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC271LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC271LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC271LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC271LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC271LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC271LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC271LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 26
Absolute Maximum Ratings
Outline Drawing
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC271LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H271
XXXX
HMC271LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H271
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED
LAND PATTERN.
Digital Inputs (Reset, Shift Clock,
Latch Enable & Serial Input)
-1.5 to (Vcc + 1.5) V
Digital Outputs (Serial Output)
-0.5 to (Vcc + 0.5) V
DC Current on Serial Output
±35 mA
Bias Voltage (Vcc)
+7V
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
RF Input Power (0.7 - 3.7 GHz)
+26 dBm
ESD Sensitivity (HBM)
Class 1A
HMC271LP4 / 271LP4E
v03.0809
1 dB LSB GaAs MMIC 5-BIT SERIAL
CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com