Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS2P Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # MKS2P
Description  General Purpose Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS2P Datasheet(HTML) 5 Page - Omron Electronics LLC

  MKS2P Datasheet HTML 1Page - Omron Electronics LLC MKS2P Datasheet HTML 2Page - Omron Electronics LLC MKS2P Datasheet HTML 3Page - Omron Electronics LLC MKS2P Datasheet HTML 4Page - Omron Electronics LLC MKS2P Datasheet HTML 5Page - Omron Electronics LLC MKS2P Datasheet HTML 6Page - Omron Electronics LLC MKS2P Datasheet HTML 7Page - Omron Electronics LLC MKS2P Datasheet HTML 8Page - Omron Electronics LLC MKS2P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
General Purpose Relays
MKS
281
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Models without Test Button
Models with Lockable Test Button
Track Mounted Sockets
See below for Socket dimensions.
Note: If using the PF083A or PF113A Sockets, be sure the maximum carrying current is 5 A or less. When using finger-protection sockets, make
sure the connecting wire terminals are Y-shaped.
52.5 max.
34.5 max.
34.5 max.
0.8
34.5 max.
34.5 max.
52.5 max.
0.8
Poles
Finger-protection models
—
Maximum carry current
10 A
5 A
2 poles
PF083A-E
PF083A-D
PF083A
3 poles
PF113A-E
PF113A-D
PF113A
7
33
4
35.4
2
3.5
7
34
4
35.4
2
3.5
33
±0.2
33
±0.2
4
PF083A-E (Conforming to EN 50022)
Mounting Holes
Terminal Arrangement
PF113A-E (Conforming to EN 50022)
52 max.
Eight, M3.5
× 7 sems
41 max.
21 max.
Two, M4 or two 4.5-dia. holes
Two, M4 or two 4.5-dia. holes
Eleven, M3.5
× 7 sems
52 max.
42.8 max.
31 max.
Mounting Holes
Terminal Arrangement



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com