Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS3PI Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # MKS3PI
Description  General Purpose Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS3PI Datasheet(HTML) 4 Page - Omron Electronics LLC

  MKS3PI Datasheet HTML 1Page - Omron Electronics LLC MKS3PI Datasheet HTML 2Page - Omron Electronics LLC MKS3PI Datasheet HTML 3Page - Omron Electronics LLC MKS3PI Datasheet HTML 4Page - Omron Electronics LLC MKS3PI Datasheet HTML 5Page - Omron Electronics LLC MKS3PI Datasheet HTML 6Page - Omron Electronics LLC MKS3PI Datasheet HTML 7Page - Omron Electronics LLC MKS3PI Datasheet HTML 8Page - Omron Electronics LLC MKS3PI Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
280
General Purpose Relays
MKS
■ Characteristics
Note: 1. The values given above are initial values.
2. Ambient temperature of models with LED indicator is
−25 to 60°C.
■ Approved Standards
UL Recognized (File No. E41515) - - Ambient Temp. = 40
°C
Note: 10A UL ratings are with no load on the other contact set.
CSA Certified by
IEC Standard/TUV Certification: IEC61810-1
(Certification No. R50104853)
Note: Maximum carrying current per TUV Certification is 9 A when
new MK-S relays are mounted in PF083A-E or PF113A-E
Sockets.
Engineering Data
■ Reference Data
Maximum Switching Power
Rated Carry Current vs. Ambient Rated Temperature
Note: The lower limit of the ambient operating temperature for models
with built-in operation indicators is
−25°C.
Contact resistance
100 m
Ω max.
Operate time
AC: 20 ms max.
DC: 30 ms max.
Release time
20 ms max.(40 ms max. for built-in diode models)
Max. operating frequency
Mechanical: 18,000 operations/hr (no load)
Electrical:1,800 operations/hr (at rated load)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
2,500 VAC 50/60 Hz for 1 min. between coil and contacts
1,000 VAC 50/60 Hz for 1 min. between contacts of same polarity and terminals of the same polarity
2,500 VAC 50/60 Hz for 1 min. between current-carrying parts, non-current-carrying parts, and opposite
polarity
Insulation method
Basic insulation
Impulse withstand voltage
4.5 kV between coil and contacts (with 1.2
× 50 μs impulse wave)
3.0 kV between contacts of different polarity (with 1.2
× 50 μs impulse wave)
Pollution degree
3
Rated insulation voltage
250 V
Vibration resistance
Destruction:10 to 55 Hz, 1.5 mm double amplitude
Malfunction:10 to 55 Hz, 1.0 mm double amplitude
Shock resistance
Destruction:1,000 m/s2 (approx. 100 G)
Malfunction:100 m/s2 (approx. 10 G)
Life expectancy
Mechanical: 5,000,000 operations min.
Electrical:100,000 operations min.
Min. permissible load
10 mA at 1 VDC P level:
λ
60=0.1 x 10
-6 / ops
Ambient temperature
Operating: –40 to 60
°C (with no icing or condensation)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 90 g
Coil ratings
Contact ratings
Operations
6 to 110 VDC
6 to 240 VAC
N.O.
contact
10 A, 250 V AC 50/60 Hz (Resistive)
10 A, 30 V DC (Resistive)
7 A, 250 V AC 50/60 Hz (General Use)
100,000
N.C.
contact
10 A, 250 V AC 50/60 Hz (Resistive)
10 A, 30 V DC (Resistive)
7 A, 250 V AC 50/60 Hz (General Use)
100,000
Coil ratings
Contact ratings
Operations
6, 12, 24, 48,
100, 110 VDC
6, 12, 24, 100,
110, 200, 220,
240 VAC
N.O.
contact
10 A, 250 V AC 50/60 Hz (Resistive)
10 A, 30 V DC (Resistive)
7 A, 250 V AC 50/60 Hz (General Use)
100,000
N.C.
contact
5 A, 250 V AC 50/60 Hz (Resistive)
5 A, 30 V DC (Resistive)
7 A, 250 V AC 50/60 Hz (General Use)
100,000
100
50
30
10
5
3
1
10
30
50
100
300
500 1.000
Switching voltage (V)
AC resistive load
with NO contact
AC inductive
load
(p.f. = 0.4)
DC resistive load
with NO contact
AC resistive load
with NC contact
DC resistive
load with
NC contact
−40
−20
0
20
40
60
80
10
5
0
UL derating curve
Ambient temperature (
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com