Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF2J Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF2J
Description  ZIF Slide-locking Connector (0.5 mm-pitch)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2J Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF2J Datasheet HTML 1Page - Omron Electronics LLC XF2J Datasheet HTML 2Page - Omron Electronics LLC XF2J Datasheet HTML 3Page - Omron Electronics LLC XF2J Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
36
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J
Dimensions
Unit: mm
XF2J-
@@24-1@A
Table of Dimensions
B±0.05
0.5±0.05
0.5±0.05
2.9±0.1
1.4±0.1
1.4±0.1
1±0.1
1±0.1
1.6±0.1
1.6±0.1
4±0.1
0.5±0.1
(C
−0.1) ±0.07
B±0.05
0.5±0.05
0.35±0.03
T=0.3±0.05
(Conductive plating)
3 min.
1.7
(Effective
interface
length)
B±0.05
0.5±0.05
0.5±0.05
2.9±0.1
1.4±0.1
1.4±0.1
1±0.1
1±0.1
1.6±0.1
1.6±0.1
4±0.1
2.3
0.2
1.3
0.8
D
C
B
A
1
0.5
2.3
0.2
1.3
0.8
D
(B)
C
B
A
1
0.5
(B)
PCB Mating Dimensions (Top View)
PCB Mating Dimensions (Top View)
Applicable FPC Dimensions
Standard Terminal Arrangement
Reverse Terminal Arrangement
2.95
4.15
3.4
2.4
2.95
4.15
3.4
2.4
Pins
Model
ABCD
Standard terminal arrangement
Reverse terminal arrangement
6
XF2J-0624-11A
XF2J-0624-12A
7.5
2.5
3.6
6.9
8
XF2J-0824-11A
XF2J-0824-12A
8.5
3.5
4.6
7.9
10
XF2J-1024-11A
XF2J-1024-12A
9.5
4.5
5.6
8.9
12
XF2J-1224-11A
XF2J-1224-12A
10.5
5.5
6.6
9.9
14
XF2J-1424-11A
- - -
11.5
6.5
7.6
10.9
16
XF2J-1624-11A
XF2J-1624-12A
12.5
7.5
8.6
11.9
18
XF2J-1824-11A
XF2J-1824-12A
13.5
8.5
9.6
12.9
20
XF2J-2024-11A
XF2J-2024-12A
14.5
9.5
10.6
13.9
22
XF2J-2224-11A
XF2J-2224-12A
15.5
10.5
11.6
14.9
24
XF2J-2424-11A
XF2J-2424-12A
16.5
11.5
12.6
15.9
26
XF2J-2624-11A
- - -
17.5
12.5
13.6
16.9
28
XF2J-2824-11A
- - -
18.5
13.5
14.6
17.9
30
XF2J-3024-11A
- - -
19.5
14.5
15.6
18.9
40
- - -
XF2J-4024-12A
25.1
19.5
20.6
24.3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com