Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC702LP6CE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC702LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 4
HMC702LP6CE
v05.0110
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
Table 1. Electrical Specifications
Parameter
conditions / notes
Min
typ
Max
Units
14-Bit r-Divider range
1
16,383
Phase Detector
fractional Mode
Max Phase Detector frequency
70
75
Mhz
Min Phase Detector frequency
100
khz
integer Mode
Max Phase Detector frequency
110
150
Mhz
Min Phase Detector frequency
100
khz
Charge Pump
Max output current
4
ma
Min output current
125
µa
charge Pump Gain step size (5-bits)
125
µa
charge Pump trim step size (3-bits)
14
µa
charge Pump offset step size (4-bits)
29
µa
PfD / charge Pump noise (integer)
6 Ghz, 50 Mhz ref, input referred
1 khz
-141
dBc/hz
10 khz
-149
dBc/hz
100 khz
-155
dBc/hz
compliance Voltage
Less than 3 dB degradation typ. at
these limits
-406 µa offset
0.4
VPPcP-0.8
V
-406 µa offset
0.8
VPPcP-0.4
V
Logic Inputs
Vih input high Voltage
VDDio-0.4
V
ViL input Low Voltage
0.4
V
Logic Outputs
Vih output high Voltage
VDDio-0.1
V
ViL output Low Voltage
0.1
V
Power Supply Voltages
Vcc - analog 3V supplies
VccPrs, rVDD, Vcchf
3
3.3
3.45
V
DVDD - Digital internal supply
DVDD, DVDDQ
3
3.3
3.45
V
DVDDio - Digital i/o supply
DVDDio
1.8
3.3
5.5
V
analog 5V supplies
Vccoa, VPPcP, VPPDrV,
VDDPD, VDDPDV, VDDPDr
4.5
5.0
5.5
V
Power Supply Current (6 Ghz fractional Mode, 50 Mhz PfD)
analog +5V
Vccoa, VPPcP, VPPDrV,
VDDPD, VDDPDV, VDDPDr
26
ma
analog +3.3V
VccPrs, rVDD, Vcchf
116
ma
Digital +3.3V
DVDD, DVDDio, DVDDQ
19
ma
Power Down - crystal off
reg 01h = 0
crystal not clocked
10
µa
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com