Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3S4YR-MVF Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 3S4YR-MVF
Description  Motor Driven Card Reader/Writer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

3S4YR-MVF Datasheet(HTML) 2 Page - Omron Electronics LLC

  3S4YR-MVF Datasheet HTML 1Page - Omron Electronics LLC 3S4YR-MVF Datasheet HTML 2Page - Omron Electronics LLC 3S4YR-MVF Datasheet HTML 3Page - Omron Electronics LLC 3S4YR-MVF Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3S4YR-MVF/MVS
3S4YR-MVF/MVS
Part number
3S4YR-MVF
3S4YR-MVS
Recommended card
Magnetic card
ISO 7810, 7811/1-5, 7812, 7813. Please inquire if using high-coercivity cards.
IC card (see Note 1)
ISO 7816/1-4 (T=0 and/or T=1)
Recording method
FM decoding (F2F)
Card feeding speed
20 cm/sec (8 in/sec) in normal operation; 5 cm/sec (2 in/sec) IC card handling
Location of magnetic stripe
Installation
Motor type
DC motor
Service life (see note 2)
Entire unit
1,500,000 passes or 5 years, whichever comes first
IC contact
300,000 times
Operating power supply
24 VDC
± 10%
Current consumption
2.0 A or less when motor revolution starts; 500 mA in standby mode
Mounting location
Indoors — away from wind, rain, and sunlight
Ambient temperature
Operation
5
° to 55°C (41° to 131°F)
Storage
-25
° to 55°C (-13° to 131°F)
Ambient humidity
Operation
5% to 85% RH, no condensation
Storage
5% to 90% RH, no condensation
Vibration
10 to 150 Hz and single vibration width of 0.15 mm or
an acceleration of 2 G (19.6 m/sec2), whichever is smaller
Shock
20 G in six directions (up and down, left and right, forward and back,
3 times in each direction)
Dimensions (with shutter)
210L x 124W x 90H mm
(8.27L x 4.88W x 3.54H in)
Weight
Approx. 2 kg (4.41 lbs)
Specifications
Note 1: Please request confirmation on specific IC card compatibility, including EMV (Europay / Mastercard / Visa) and memory cards.
2: One pass denotes one round trip.
3: Absolute air humidity in operation is 23 g/m3 or less. In storage, absolute air humidity is 40 g/m3 or less.
Engineering Data
s I/O INFORMATION
Pin #
Signal
Input/Output
Description
1
NC
—
Not connected
2
RXD
Input
Receive data
3
TXD
Output
Transmit data
4
DTR
Output
Data terminal ready
5
GND
—
Ground
6
NC
—
Not connected
7
NC
—
Not connected
8
CTS
Input
Clear to send
9
NC
—
Not connected
RS-232C Interface automatically recognizes data transmission speeds of 1200, 2400, 4800, 9600, and 19200 baud.
3S4YR-MVFW1JD RS-232C Interface
Pin #
Signal
Input/Output
Description
1
+24V
—
Power supply
2
GND
—
Power ground
3
XGND
—
Secondary power ground
4
X24V
—
Secondary supply
3S4YR-MVFW1JD Power Interface
Card reader side:
JAE 9-pin D-Sub socket, DELC-J9SAF-10L9.
Card reader side:
Molex 4 node, 2.54 mm pitch in serial 5046-04A.
type
271L x 130W x 154H mm
(10.67L x 5.12W x 6.06H in)
Approx. 4.5 kg (9.92 lbs.) without attachment
0
° to 40° C (32° to 104°F)
-25
° to 55° C (-13° to 131°F)
35% to 85% RH, no condensation (see note 3)
5% to 90% RH, no condensation (see note 3)
100 VAC to 240 VAC (
± 10%)
At bottom
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com