Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC2SA1015 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC2SA1015
Description  PNP EPITAXIAL SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC2SA1015 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC2SA1015 Datasheet HTML 1Page - Unisonic Technologies UTC2SA1015 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC2SA1015
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-004,A
LOW FREQUENCY PNP
AMPLIFIER TRANSISTOR
FEATURES
*Collector-Emitter Voltage:
BVCEO=-50V
*Collector current up to 150mA
*High hFE linearity
*Complement to 2SC1815
TO-92
1
1:EMITTER 2:COLLECTOR 3: BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-5
V
Collector dissipation
Pc
400
mW
Collector current
Ic
-150
mA
Base current
IB
-50
mA
Junction Temperature
Tj
125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
Ic=-100
µA,IE=0
-50
V
Collector-emitter breakdown voltage
BVCEO
Ic=-10mA,IB=0
-50
V
Emitter-base breakdown voltage
BVEBO
IE=-10
µA,Ic=0
-5
V
Collector cut-off current
ICBO
VCB=-50V,IE=0
-100
nA
Emitter cut-off current
IEBO
VEB=-5V,Ic=0
-100
nA
DC current gain(note)
hFE1
hFE2
VCE=-6V,Ic=-2mA
VCE=-6V,Ic=-150mA
70
25
400
Collector-emitter saturation voltage
VCE(sat)
Ic=-100mA,IB=-10mA
-0.1
-0.3
V
Base-emitter saturation voltage
VBE(sat)
Ic=-100mA,IB=-10mA
-1.1
V
Current gain bandwidth product
fT
VCE=-10V,Ic=-1mA
80
MHz
Output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
4.0
7.0
pF
Noise Figure
NF
Ic=-0.1mA,VCE=-6V
RG=1k
Ω,f=100Hz
0.5
6
dB


Similar Part No. - UTC2SA1015

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1020 UTC-UTC2SA1020 Datasheet
170Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - UTC2SA1015

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
FJV4103R FAIRCHILD-FJV4103R Datasheet
56Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com