Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC7642 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTC7642
Description  ONE CHIP AM RADIO CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC7642 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTC7642 Datasheet HTML 1Page - Unisonic Technologies UTC7642 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC 7642
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R110-015,A
ELECTRICAL CHARACTERISTICS
(Tested at Ta=25
°C, VCC=1.3V,fm=1KHZ,fO=1MHZ,MOD=30%, unless other specified)
PARAMETERS
SYMBOLS
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
1.2
1.3
1.6
V
Quiescent Current
ICCQ
VI=0
0.14
0.20
0.30
mA
Input Resistance
RI
-
3
-
M
Ω
Maximum Sensitivity
SM
VOD=3mV
-
600
-
µV
Detector Output Voltage
VOD
VI=10mV
5
15
30
mV
The Range of AGC
∆A
-
30
-
dB
TEST CIRCUIT
Vin
UTC 7642
2
3
1
100k
Ω
RAGC
1.5k
Ω
0.1
µF
0.01
µF
75
Ω
Vout
Vcc
APPLICATION CIRCUIT
UTC 7642
2
3
1
600
µH
140pF
7pF
100k
Ω
RAGC 1k
Ω
0.01
µF
0.15
µF
0.1
µF
1k
Ω
32
Ω
820
Ω
57
Ω
1.5V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com