Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XG2
Description  Flat Cable Connectors for PCBs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XG2 Datasheet HTML 1Page - Omron Electronics LLC XG2 Datasheet HTML 2Page - Omron Electronics LLC XG2 Datasheet HTML 3Page - Omron Electronics LLC XG2 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Flat Cable Connectors for PCBs
XG2
61
Flat Cable Connectors for PCBs
XG2
Ideal for high-density mounting.
IDC design allows for quick termination.
• Part of a total flat cable wiring solution, when used in
conjunction with XG4, XG5 and XG8 sockets and plugs.
• End terminates cable to a PCB or acts as a pass through
for connection to other cables or PCB’s.
• Uses a standard 2.54-mm grid terminal arrangement for
easier design of circuits.
• Terminal Arrangement: standard or reverse.
• Uses UL94V-0 approved insulation material.
• IDC Assembly Tools are available.
XG2 Connectors
■ Terminal Arrangement
The contact numbers are not marked on the Connector. If the cables are numbered from 1 starting from the edge, the relationship between the
wires and the terminals would be as shown below.
■ Ratings and Characteristics
■ Materials and Finish
■ Applicable Wires
1.27-mm pitch, AWG28, 7-strand flat cable.
• UL2651 (standard cable)
• UL20012 (folding cable)
• UL20028 (color-coded cable)
Cable No.
Cable No.
Cable No.
Cable No.
Cable number arrangement (top view)
Standard Terminal
Arrangement
Reverse Terminal
Arrangement
Rated current
1 A
Rated voltage
250 VAC
Contact resistance
15 m
Ω max. (at 20 mV, 100 mA max.)
Insulation resistance 1,000 M
Ω min. (at 500 VDC)
Dielectric strength
500 VAC for 1 min. (leakage current: 1 mA
max.)
Operating
temperature
−55°C to 85°C (with no icing at low
temperature)
Base
Fiber-glass reinforced PBT resin
(UL94V-0)/black
Contacts
Mating end Copper alloy/nickel base, tin plating
Terminals
Copper alloy/nickel base, tin plating
Cover
Fiber-glass reinforced PBT resin
(UL94V-0)/black


Similar Part No. - XG2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Xg2 ETC2-Xg2 Datasheet
328Kb / 2P
AC/DC Power Supply
XG25 ETC2-XG25 Datasheet
4Mb / 122P
E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Omron Electronics LLC
XG2Z OMRON-XG2Z Datasheet
380Kb / 13P
Screw Terminal Block Cables
More results

Similar Description - XG2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
Application Tooling Flat Flexible Cable Connectors
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
Application Tooling Flat Flexible Cable Connectors
logo
Omron Electronics LLC
XG4 OMRON-XG4 Datasheet
1Mb / 20P
Flat Cable Connectors
XG4_1011 OMRON-XG4_1011 Datasheet
1Mb / 22P
Flat Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
Omron Electronics LLC
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
Flat Cable Connectors and Jump Connectors
XG4M-5030-T OMRON-XG4M-5030-T Datasheet
1Mb / 20P
Flat Cable Connectors
logo
List of Unclassifed Man...
8925E ETC-8925E Datasheet
2Mb / 14P
1.27mm PITCH LOW PROFILE CONNECTORS FOR 0.635MM PITCH FLAT CABLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com