Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG2A-2602 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XG2A-2602
Description  Flat Cable Connectors for PCBs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG2A-2602 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XG2A-2602 Datasheet HTML 1Page - Omron Electronics LLC XG2A-2602 Datasheet HTML 2Page - Omron Electronics LLC XG2A-2602 Datasheet HTML 3Page - Omron Electronics LLC XG2A-2602 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
62
Flat Cable Connectors for PCBs
XG2
Double-row PCB Bus Connectors
■ XG2A
Dimensions
Standard Terminal Arrangement: XG2A-
@@01
Reverse Terminal Arrangement: XG2A-
@@02
Ordering Information
Precautions
Correct Use
Handling
• There is no Strain Relief for the PCB Connector. Leave enough
slack to avoid tension on the cable.
• Terminals can be press fit no matter which direction the base and
cover are facing.
• See “XG
@ - Assembly Tooling and Accessories” datasheet for infor-
mation on flat cable / connector assembly tools.
Automated Soldering Conditions (Jet Flow)
1. Soldering temperature: 250
± 5°C
2. Continuous soldering time: Within 5 s
Appearance
No. of contacts
Connectors with
standard terminal arrangement
Connectors with
reverse terminal arrangement
10
XG2A-1001
XG2A-1002
14
XG2A-1401
XG2A-1402
16
XG2A-1601
XG2A-1602
20
XG2A-2001
XG2A-2002
26
XG2A-2601
XG2A-2602
30
XG2A-3001
XG2A-3002
34
XG2A-3401
XG2A-3402
40
XG2A-4001
XG2A-4002
50
XG2A-5001
XG2A-5002
60
XG2A-6001
XG2A-6002
64
XG2A-6401
XG2A-6402
0.8 +0.1 dia.
0
0.8 +0.1 dia.
0
No. of
contacts
Dimensions (mm)
AB
10
17.9
10.16
14
22.9
15.24
16
25.5
17.78
20
30.6
22.86
26
38.2
30.46
30
43.3
35.56
34
48.3
40.64
40
56.0
48.26
50
68.7
60.96
60
81.4
73.66
64
86.4
78.74
Reverse terminal arrangement
Standard terminal arrangement
Mounting holes (bottom view)
Note: The cover is an open-end type.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com