Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD35 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSD35
Description  Three Phase Rectifier Bridges
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSD35 Datasheet(HTML) 2 Page - Powersem GmbH

  PSD35 Datasheet HTML 1Page - Powersem GmbH PSD35 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSD 35
POWERSEM GmbH, Walpersdorfer Str. 53
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
1
1.5
0
10
20
30
40
50
60
IF
VF
A
V
T=150°C
T=25°C
0.4
0.6
0.8
1
1.2
1.4
1.6
100
101
102
103
t[ms]
I
(A)
FSM
TVJ=45°C
TVJ=150°C
400
360
I
------
IFSM
F(OV)
0 VRRM
1/2 VRRM
1 VRRM
2
4
6
10
TVJ=45°C
TVJ=150°C
t [ms]
1
10
10
2
3
As
2
Fig. 1 Forward current versus
voltage drop per diode
Fig. 2 Surge overload current
per diode IFSM: Crest value.
t: duration
Fig. 3
∫i2dt versus time
(1-10ms) per diode (or thyristor)
30
10
0
20
40
60
80
100
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
TC
°C
DC
sin.180°
rec.120°
rec.60°
rec.30°
5.3
2.3
1.3
0.8
0.55 0.3
= RTHCA [K/W]
IFAVM
[A]
Tamb
[K]
0
50
100
150
[W]
PVTOT
PSD 35
Fig. 4 Power dissipation versus direct output current and ambient
temperature
50
100
150
200
10
20
30
40
50
DC
sin.180°
rec.120°
rec.60°
rec.30°
T (°C)
C
IdAV
[A]
Fig.5 Maximum forward current
at case temperature
0.01
0.1
1
10
2
4
6
K/W
Z th
t[s]
Z thJK
Z thJC
Fig. 6 Transient thermal impedance per diode (or thyristor),
calculated



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com