Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCK596 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCK596
Description  CAPACITOR MICROPHONE APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCK596 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCK596 Datasheet HTML 1Page - Unisonic Technologies UTCK596 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTCK596
N-CHANNEL JUNCTION FET
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R207-001,A
TEST CIRCUIT(Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Gain
Gv
VIN=10mV, f=1KHz
-3
dB
Reduced Voltage Characteristic
∆GvV
VIN=10mV, f=1KHz,
Vcc=4.5V->1.5V
-1.2
-3.5
dB
Frequency Characteristic
∆GvF
f=1KHz to 110Hz
-1
dB
Input Resistance
Zin
f=1KHz
25
M
Output Resistance
ZO
f=1KHz
700
Total Harmonic distortion
THD
VIN=30mV, f=1KHz
1
%
Output Noise Voltage
VNO
VIN=0, A CURVE
-110
dB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com