Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCLM317 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCLM317
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM317 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCLM317 Datasheet HTML 1Page - Unisonic Technologies UTCLM317 Datasheet HTML 2Page - Unisonic Technologies UTCLM317 Datasheet HTML 3Page - Unisonic Technologies UTCLM317 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCLM317
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R101-009,B
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
VALUE
UNIT
Input - Output
Voltage Difference
VI-VO
40
V
Lead Temperature
TLEAD
230
°C
Power Dissipation
PD
Internal limited
Operating Temperature Range
TOPR
0~125
°C
Storage Temperature Range
TSTG
-65~150
°C
ELECTRICAL CHARACTERISTICS
(VI-VO=5V, 0
°C <Tj<125°C,IO=500mA,IMAX=1.5A,PMAX=20W , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line Regulation
∆VO
Ta=25
°C,3V<=VI-VO<=40V
0.01
0.04
%/V
Ta=0 - 125
°C,3V<=VI-VO<=40V
0.02
0.07
%/V
Ta=25
°C
VO<=6V
18
25
mV
Load Regulation
∆VO
10mA<=IO<=IMAX
VO>=5V
0.4
0.5
%/VO
10mA<=IO<=IMAX
VO<=5V
40
70
mV
VO>=6V
0.8
1.5
%/VO
Adjustable Pin Current
IADJ
46
100
µA
Adjustable Pin Current
Change
∆IADJ
2.5V<=VI-VO<=40V,
10mA<=Io<=IMAX, PD<=PMAX
2.0
5
µA
Reference Voltage
VREF
3V<=VI-VO<=40V,
10mA<=IO<=IMAX,PD<=PMAX
1.20
1.25
1.30
V
Temperature Stability
STT
0.7
%/VO
Minimum Load Current
for Regulation
IL(MIN)
VI-VO=40V
3.5
10
mA
Maximum Output
Current
IO(MAX)
VI-VO<=15V, PD<=PMAX
1.5
2.2
A
VI-VO<=15V, PD<=PMAX,Ta=25
°C
0.15
0.4
RMS Noise v.s.
%of Vout
eN
TA=25
°C,10HZ<=f<=10KHZ
0.003
0.01
%/VO
Ripple Rejection
RR
VO=10V,f=120HZ,
60
dB
VO=10V,f=120HZ,CADJ=10
µF
66
75
Long-term Stability,
TJ=THIGH
ST
TA=25
°C,1000 hr
0.3
1
%
Junction to Case
Thermal Resistance
R
θ JC
5
°C/W
Note: Testing with low duty pulse should be used to avoid heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com