Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSKT310 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSKT310
Description  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSKT310 Datasheet(HTML) 1 Page - Powersem GmbH

  PSKT310 Datasheet HTML 1Page - Powersem GmbH PSKT310 Datasheet HTML 2Page - Powersem GmbH PSKT310 Datasheet HTML 3Page - Powersem GmbH PSKT310 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Thyristor Modules
Thyristor/Diode Modules
Features
●
International standard package
●
Direct copper bonded Al
2O3 -ceramic
base plate
●
Planar passivated chips
●
Isolation voltage 3600 V~
●
UL registered, E 148688
●
Keyed gate/cathode twin pins
Applications
●
Motor control
●
Power converter
●
Heat and temperature control for
industrial furnaces and chemical
processes
●
Lighting control
●
Contactless switche
s
Advantages
●
Space and weight savings
●
Simple mounting with two screws
●
Improved temperature and power
cycling capability
●
Reduced protection circuits
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
PSKT 310
PSKH 310
V
RSM
V
RRM
Type
V
DSM
V
DRM
V
V
Version 1
Version 1
900
800
PSKT 310/08io1
PSKH 310/08io1
1300
1200
PSKT 310/12io1
PSKH 310/12io1
1500
1400
PSKT 310/14io1
PSKH 310/14io1
1700
1600
PSKT 310/16io1
PSKH 310/16io1
1900
1800
PSKT 310/18io1
PSKH 310/18io1
PSKH
PSKT
I
TRMS
= 2x 500 A
I
TAVM
= 2x 320 A
V
RRM
= 800-1800 V
36 7 1
5 4 2
31
5 4 2
76
5
4
2
3
1
Symbol
Test Conditions
Maximum Ratings
I
TRMS, IFRMS
T
VJ = TVJM
500
A
I
TAVM, IFAVM
T
C = 85°C; 180° sine
320
A
I
TSM, IFSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
9200
A
V
R = 0
t = 8.3 ms (60 Hz), sine
9800
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
8000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
8600
A
∫∫∫∫∫i2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
420 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
400 000
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
320 000
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
306 000
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 960 A
100
A/µs
f =50 Hz, t
P =200 µs
V
D = 2/3 VDRM
I
G = 1 A
non repetitive, I
T = 320 A
500
A/µs
di
G/dt = 1 A/µs
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/µs
R
GK = ∞; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30 µs
120
W
I
T
= I
TAVM
t
P = 500 µs
60
W
P
GAV
20
W
V
RGM
10
V
T
VJ
-40...+140
°C
T
VJM
140
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL ≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M5)
2.5-5/22-44 Nm/lb.in.
Terminal connection torque (M8)
12-15/106-132 Nm/lb.in.
Weight
Typical including screws
320
g


Similar Part No. - PSKT310

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSKT312 POWERSEM-PSKT312 Datasheet
151Kb / 4P
Thyristor/Diode Modules
More results

Similar Description - PSKT310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com