Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCLM556 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCLM556
Description  DUAL TIMER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM556 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCLM556 Datasheet HTML 1Page - Unisonic Technologies UTCLM556 Datasheet HTML 2Page - Unisonic Technologies UTCLM556 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTCLM556
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R106-004,A
DUAL TIMER
DESCRIPTION
The UTC LM556 dual monolithic circuit is a highly
stable controller capable of producing accurate delays
or oscillation. The UTC LM556 is the dual of UTC
NE555; timing is provided an external resistor and
capacitor for each function. The two timers operate
independently of each other, sharing only Vcc and
GND. The circuits may be triggered and reset on falling
wave forms. The output structures may sink or source
200mA.
FEATURES
*High current driver capability(=200mA)
*Adjustable duty cycle
*Timing from
µSec to Hours
*Temperature stability of 0.005%/
°C
*TTL compatible
*Operates in both Astable and Monostable modes
DIP-14
SOP-14
APPLICATIONS
*Precision timing.
*Pulse width modulation.
*Pulse generator, shaping.
*Traffic light control.
*Time delay generator.
*Touch tone encoder.
*Sequential timing.
*Tone burst generator.
BLOCK DIAGRAM


Similar Part No. - UTCLM556

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM1851 UTC-UTCLM1851 Datasheet
160Kb / 9P
GROUND FAULT INTERRUPTER
UTCLM1875 UTC-UTCLM1875 Datasheet
150Kb / 6P
20W AUDIO POWER AMPLIFIER
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLM2954-3.3 UTC-UTCLM2954-3.3 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
UTCLM2954-5.0 UTC-UTCLM2954-5.0 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - UTCLM556

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
DUAL TIMER
logo
New Japan Radio
NJM556 NJRC-NJM556 Datasheet
200Kb / 5P
DUAL TIMER
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
Dual Timer
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
Dual timer
August 31, 1994
logo
Unisonic Technologies
UTCNE556 UTC-UTCNE556 Datasheet
49Kb / 3P
DUAL TIMER
logo
Fairchild Semiconductor
KA556 FAIRCHILD-KA556 Datasheet
44Kb / 8P
Dual Timer
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
DUAL TIMER
logo
Texas Instruments
LM556 TI1-LM556 Datasheet
1Mb / 20P
Dual Timer
LM556 TI1-LM556_16 Datasheet
1Mb / 20P
Dual Timer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com