Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45R35 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT45R35
Description  C/R to F Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R35 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT45R35 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R35 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
HT45R35
Rev. 1.20
11
January 29, 2010
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External Interrupt 0
1
04H
External Interrupt 1
2
08H
Timer/Event Counter Overflow
3
0CH
External RC Oscillation
Converter Interrupt
4
10H
Interrupt Priority
The EMI, EEI0, EEI1, ETI and ERCOCI bits are all used
to control the enable/disable status of interrupts. These
bits prevent the requested interrupt from being serviced.
Once the interrupt request flags, TF, RCOCF, EIF1 and
EIF0, are all set, they remain in the INTC1 or INTC0 reg-
isters respectively until the interrupts are serviced or
cleared by a software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only one
stack is left and enabling the interrupt is not well con-
trolled, the original control sequence may be damaged
once the
²CALL² is executed in the interrupt subroutine.
Oscillator Configuration
Various oscillator options offer the user a wide range of
functions according to their various application require-
ments. Two types of system clocks can be selected
while various clock source options for the Watchdog
Timer are provided for maximum flexibility. All oscillator
options are selected through the configuration options.
The two methods of generating the system clock are:
· External crystal/resonator oscillator
· External RC oscillator
One of these two methods must be selected using the
configuration options.
More information regarding the oscillator is located in
Application Note HA0075E on the Holtek website.
External Crystal/Resonator Oscillator
The simple connection of a crystal across OSC1 and
OSC2 will create the necessary phase shift and feed-
back for oscillation, and will normally not require exter-
nal capacitors. However, for some crystals and most
resonator types, to ensure oscillation and accurate fre-
quency generation, it may be necessary to add two
small value external capacitors, C1 and C2. The exact
values of C1 and C2 should be selected in consultation
with the crystal or resonator manufacturer
¢s specifica-
tion. The external parallel feedback resistor, Rp, is nor-
mally not required but in some cases may be needed to
assist with oscillation start up.
Internal Ca, Cb, Rf Typical Values @ 5V, 25
°C
Ca
Cb
Rf
TBD
TBD
TBD
Oscillator Internal Component Values
Crystal Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
CL
12MHz
TBD
TBD
TBD
8MHz
TBD
TBD
TBD
4MHz
TBD
TBD
TBD
1MHz
TBD
TBD
TBD
Note:
1. C1 and C2 values are for guidance only.
2. CL is the crystal manufacturer specified
load capacitor value.
Crystal Recommended Capacitor Values
Resonator C1 and C2 Values
Resonator Frequency
C1
C2
3.58MHz
TBD
TBD
1MHz
TBD
TBD
455kHz
TBD
TBD
Note:
C1 and C2 values are for guidance only.
Resonator Recommended Capacitor Values
O S C 1
O S C 2
R f
T o i n t e r n a l
c i r c u i t s
I n t e r n a l
O s c i l l a t o r
C i r c u i t
C 1
C 2
C a
C b
R p
N o t e : 1 . R p i s n o r m a l l y n o t r e q u i r e d .
2 . A l t h o u g h n o t s h o w n O S C 1 / O S C 2 p i n s h a v e a p a r a s i t i c
c a p a c i t a n c e o f a r o u n d 7 p F .
Crystal/Resonator Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com