Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R02M Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48R02M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R02M Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48R02M Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R02M Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
Pin Description
HT46R01M/HT46R02M
Pin Name
Function
OPT
I/T
O/T
Description
PA0/AN0
PA0
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
AN0
ADCR
AN
¾
A/D channel 0
PA1/PFD/AN1
PA1
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
PFD
CTRL0
¾
CMOS PFD output
AN1
ADCR
AN
¾
A/D channel 1
PA2/TC0/AN2
PA2
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC0
¾
ST
¾
External Timer 0 clock input
AN2
ADCR
AN
¾
A/D channel 2
PA3/INT/AN3
PA3
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
INT
¾
ST
¾
External interrupt input
AN3
ADCR
AN
¾
A/D channel 3
PA4/TC1/PWM
PA4
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC1
¾
ST
¾
External Timer 1 clock input
PWM
CTRL0
¾
CMOS PWM output
PA5/OSC2
PA5
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
OSC2
CO
¾
OSC
Oscillator pin
PA6/OSC1
PA6
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
OSC1
CO
OSC
¾
Oscillator pin
PA7/RES
PA7
PAWK
ST
NMOS General purpose I/O. Register enabled wake-up.
RES
CO
ST
¾
Reset input
PB0
PB0
PBPU
ST
CMOS General purpose I/O. Register enabled.
PB1
PB1
PBPU
ST
CMOS General purpose I/O. Register enabled.
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
CE
CE
¾¾
¾
DC/DC function enable pin, high active
VOUT
VOUT
¾¾
¾
DC/DC converter output monitoring pin
GND
GND
¾
PWR
¾
DC/DC ground pin
LX
LX
¾¾
¾
DC/DC switching pin
Note:
I/T: Input type
O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power
CO: Configuration option
ST: Schmitt Trigger input
CMOS: CMOS output
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
3
December 18, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com