Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT77S11 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT77S11
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT77S11 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT77S11 Datasheet HTML 1Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 2Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 3Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 4Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 5Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 6Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 7Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 8Page - Holtek Semiconductor Inc HT77S11 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics
HT77S10/HT77S11
Rev. 1.00
5
February 3, 2010
Start-Up Voltage vs. Output Current
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1.0
10.0
100.0
Output Current (mA)
HT77S10
L=22uH
CIN=47uF
COUT=47uF
VOUT=5V
VOUT=3.3V
Efficiency vs. Output Current
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.1
1.0
10.0
100.0
1000.0
Output Current (mA)
HT77S10
VOUT=5V
L=22uH
CIN=47uF
COUT=47uF
VIN=1.2V
VIN=2.4V
VIN=3.6V
Efficiency vs. Output Current
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.1
1.0
10.0
100.0
1000.0
Output Current (mA)
HT77S10
VOUT=3.3V
L=22uH
CIN=47uF
COUT=47uF
VIN=1.2V
VIN=2.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com