Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT66F60 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 15Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 16Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 246 page
background image
Comparator Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VCMP
Comparator Operating Voltage
¾¾
2.2
¾
5.5
V
ICMP
Comparator Operating Current
3V
¾¾
37
56
mA
5V
¾¾
130
200
mA
VCMPOS
Comparator Input Offset Voltage
¾¾
-10
¾
10
mV
VHYS
Hysteresis Width
¾¾
20
40
60
mV
VCM
Comparator Common Mode
Voltage Range
¾¾
VSS
¾
VDD
-1.4V
V
AOL
Comparator Open Loop Gain
¾¾
60
80
¾
dB
tPD
Comparator Response Time
¾
With 100mV
overdrive (Note)
¾
370
560
ns
Note:
Measured with comparator one input pin at VCM =(VDD
-1.4)/2 while the other pin input transition from VSS to
(VCM +100mV) or from VDD to (VCM -100mV).
Power-on Reset Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VPOR
VDD Start Voltage to Ensure
Power-on Reset
¾¾¾
¾
100
mV
RRVDD
VDD Raising Rate to Ensure
Power-on Reset
¾¾
0.035
¾¾
V/ms
tPOR
Minimum Time for VDD Stays at
VPOR to Ensure Power-on Reset
¾¾
1
¾¾
ms
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
18
February 1, 2010
T i m e
V D D
V P O R
R R V D D
t P O R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com