| Electronic Components Datasheet Search |
|
HT83F20 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83F20 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc |
|
49 / 62 page ![]() HT83FXX Rev. 1.10 49 January 21, 2010 Bit Operations The ability to provide single bit operations on Data Mem- ory is an extremely flexible feature of all Holtek microcontrollers. This feature is especially useful for output port bit programming where individual bits or port pins can be directly set high or low using either the ²SET [m].i ² or ²CLR [m].i² instructions respectively. The fea- ture removes the need for programmers to first read the 8-bit output port, manipulate the input data to ensure that other bits are not changed and then output the port with the correct new data. This read-modify-write pro- cess is taken care of automatically when these bit oper- ation instructions are used. Table Read Operations Data storage is normally implemented by using regis- ters. However, when working with large amounts of fixed data, the volume involved often makes it inconve- nient to store the fixed data in the Data Memory. To over- come this problem, Holtek microcontrollers allow an area of Program Memory to be setup as a table where data can be directly stored. A set of easy to use instruc- tions provides the means by which this fixed data can be referenced and retrieved from the Program Memory. Other Operations In addition to the above functional instructions, a range of other instructions also exist such as the ²HALT² in- struction for Power-down operations and instructions to control the operation of the Watchdog Timer for reliable program operations under extreme electric or electro- magnetic environments. For their relevant operations, refer to the functional related sections. Instruction Set Summary The following table depicts a summary of the instruction set categorised according to function and can be con- sulted as a basic instruction reference using the follow- ing listed conventions. Table conventions: x: Bits immediate data m: Data Memory address A: Accumulator i: 0~7 number of bits addr: Program memory address Mnemonic Description Cycles Flag Affected Arithmetic ADD A,[m] ADDM A,[m] ADD A,x ADC A,[m] ADCM A,[m] SUB A,x SUB A,[m] SUBM A,[m] SBC A,[m] SBCM A,[m] DAA [m] Add Data Memory to ACC Add ACC to Data Memory Add immediate data to ACC Add Data Memory to ACC with Carry Add ACC to Data memory with Carry Subtract immediate data from the ACC Subtract Data Memory from ACC Subtract Data Memory from ACC with result in Data Memory Subtract Data Memory from ACC with Carry Subtract Data Memory from ACC with Carry, result in Data Memory Decimal adjust ACC for Addition with result in Data Memory 1 1 Note 1 1 1 Note 1 1 1 Note 1 1 Note 1 Note Z, C, AC, OV Z, C, AC, OV Z, C, AC, OV Z, C, AC, OV Z, C, AC, OV Z, C, AC, OV Z, C, AC, OV Z, C, AC, OV Z, C, AC, OV Z, C, AC, OV C Logic Operation AND A,[m] OR A,[m] XOR A,[m] ANDM A,[m] ORM A,[m] XORM A,[m] AND A,x OR A,x XOR A,x CPL [m] CPLA [m] Logical AND Data Memory to ACC Logical OR Data Memory to ACC Logical XOR Data Memory to ACC Logical AND ACC to Data Memory Logical OR ACC to Data Memory Logical XOR ACC to Data Memory Logical AND immediate Data to ACC Logical OR immediate Data to ACC Logical XOR immediate Data to ACC Complement Data Memory Complement Data Memory with result in ACC 1 1 1 1 Note 1 Note 1 Note 1 1 1 1 Note 1 Z Z Z Z Z Z Z Z Z Z Z Increment & Decrement INCA [m] INC [m] DECA [m] DEC [m] Increment Data Memory with result in ACC Increment Data Memory Decrement Data Memory with result in ACC Decrement Data Memory 1 1 Note 1 1 Note Z Z Z Z |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |