Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95R55 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT95R55
Description  CID Phone 8-Bit MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R55 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT95R55 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R55 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
Pin Description
Pad Name
I/O
Options
Description
PA0~PA7
I/O
Pull-high
Wake-up
Bidirectional 8-bit input/output port. Each individual pin on this port can be
configured as a wake-up input by a configuration option. Software instructions
determine if the pin is a CMOS output or Schmitt Trigger input. Configuration
options determine which pins on the port have pull-high resistors.
PC0, PC5, PC7
I/O
Pull-High
Bidirectional input/output port. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input. Configuration options determine which
pins on the port have pull-high resistors. When the multi-function interrupt is
enabled an interrupt will be generated whenever PC0 or PC5 has a falling
edge, or PC7 has a rising edge. When in the idle mode such an interrupt will
wake up the device.
PC1/AUD
PC4/TMR0
PC6/TMR1
I/O
DAC Output
Pull-High
Bidirectional input/output port. Software instructions determine if the pin is a
CMOS output or Schmitt Trigger input. Configuration options determine which
pins on the port have pull-high resistors. PC1 is also D/A pin for audio output
for driving an external transistor or power amplifier. Pin PC4 and PC6 are
pin-shared with the external timer input pin TMR0 and TMR1 respectively.
PC2, PC3
O
¾
NMOS output structures
PD0/SCOM0
PD1/SCOM1
PD2/SCOM2
PD3/SCOM3
PD4~PD7
I/O
Pull-High
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. Configuration options determine
which nibble on the port have pull-high resistors. PD0~PD3 also support LCD
software COM port function.
PE0/SDO
PE1/SDI/SDA
PE2/SCK/SCL
PE3/SCS
PE4/PCLK/VDDIO
PE5/PINT
PE6~PE7
I/O
Pull-High
Schmitt Trigger input and CMOS output. I
2C and SPI functional pins: SDO,
SDI/SDA, SCK/SCL, SCS, PCLK, PINT are pin-shared with PE0~ PE5 re-
spectively. For I
2C, PE2 and PE1 used as SCL and SDA of I2C respectively.
For use as SPI, PE0~PE3 used as SDO, SDI, SCK, SCS of SPI respectively.
SDO is a serial interface data output. SCK is a serial interface clock input/out-
put (Initial is input). SCS is a chip select pin of the serial peripheral interface,
input for slave mode and output for master mode. SDI is a serial interface data
input. PCLK is a peripheral clock. PINT is external peripheral interrupt pin.
Once the SPI/I
2C bus function is used, the PE0~PE3 could not be used as
normal I/O pins. PE4/PCLK is pin shared with VDDIO which is selected by
configuration option. PE4 I/O function & PCLK output function will be disabled
when this pin used as VDDIO. VDDIO is used to provide the SPI/I
2C interface
I/Os a pull high voltage, set by external power supplier, other than the device
operating voltage. The purpose of this design is to cope with the voltage differ-
ence between Master device and Slave device, such as Voice Flash memory.
PF0~PF7
I/O
Pull-High
Bidirectional 8-bit input/output port.Software instructions determine if the pin
is a CMOS output or Schmitt Trigger input. Configuration options determine
which nibble on the port have pull-high resistors.
INT
I
¾
External interrupt Schmitt trigger input. Edge trigger activated on high to low
transition. No pull-high resistor.
DTMF
O
¾
Dual Tone Multi Frequency Output
PFD
O
¾
CMOS output structure Programmable Frequency Divider pin
LBIN
I
¾
This pin detects low battery conditions using an external resistor network to
define the low battery threshold voltage.
RT/GT
I/O
¾
Tone acquisition time and release time can be set through connection with ex-
ternal resistor and capacitor CMOS IN/OUT for DTMF receiver,
EST
O
¾
Early steering output CMOS out for DTMF receiver.
VP
I
¾
Operational amplifier non-inverting input for DTMF receiver.
VN
I
¾
Operational amplifier inverting input for DTMF receiver.
GS
O
¾
Operational amplifier output terminal for DTMF receiver.
HT95R54/HT95R55
Rev. 1.00
3
March 3, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80