Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML1225 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # ML1225
Description  The XL1225/ML1225 silicon controlled rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ML1225 Datasheet(HTML) 1 Page - Unisonic Technologies

  ML1225 Datasheet HTML 1Page - Unisonic Technologies ML1225 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XL/ML1225
SCR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
DESCRIPTION
The XL1225/ML1225 silicon controlled rectifiers are high
performance planner diffused PNPN devices. These parts
are intended for low cost high volume applications.
TO-92
1
1:CATHODE
2:GATE
3:ANODE
ABSOLUTE MAXIMUM RATINGS ( Ta=25
°C ,unless otherwise specified )
PARAMETERS
PART NO.
SYMBOL
TEST
CONDITION
MIN.
RATING
MAX.
RATING
UNITS
Repetitive Peak Off-State Voltage
XL1225
ML1225
VDRM
VDRM
Tj=40 to 125
°C
(rgk=1k
Ω)
400
300
V
On-State Current
IT(RMS)
Tc=40
°C
0.8
A
Average On-State Current
IT(AV)
Half Cycle=180,
Tc=40
°C
0.5
A
Peak Reverse Gate Voltage
VGRM
IGR=10uA
1
V
Peak Gate Current
IGM
10us Max.
0.1
A
Gate Dissipation
PG(AV)
20ms Max.
150
W
Operating Temperature
Tj
-40
125
°C
Storage Temperature
TSTG
-40
125
°C
Soldering Temperature
TSLD
1.6mm from case
10s Max.
250
°C
ELECTRICAL CHARACTERISTICS(Ta=25
°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
Off state leakage current
IDRM
@VDRM(RGK=1K
Ω), Tj=125°C
0.1
mA
Off state leakage current
IDRM
@VDRM(RGK=1K
Ω), Tj=25°C
1.0
µA
On state voltage
VT
AT IT=0.4A
AT IT=0.8A
1.4
2.2
V
On state threshold voltage
VT(TO)
Tj=125
°C
0.95
V
On state slops resistance
Rt
Tj=125
°C
600
m
Gate trigger current
IGT
VD=7V
200
µA
Gate trigger voltage
VGT
VD=7V
0.8
V
Holding current
IH
RGK=1K
Ω
5
mA
Latching current
IL
RGK=1K
Ω
6
mA
Critical rate of voltage rise
DV/DT
VD=0.67*VDRM(RGK=1K
Ω),
Tj=125
°C
V/
µs
Critical rate of current rise
DV/DT
IG=10mA, dIG/dt=0.1A/
µs,
Tj=125
°C
A/
µs
Gate controlled delay time
TGD
IG=10mA, dIG/dt=0.1A/
µs,
500
µs
Commutated turn-off time
TG
Tj=85
°C, VD=0.67*VDRM,
VR=35V, IT=IT(AV)
200
µs


Similar Part No. - ML1225

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
ML1225 UTC-ML1225 Datasheet
69Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
ML1225-T92-B UTC-ML1225-T92-B Datasheet
69Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
ML1225-T92-K UTC-ML1225-T92-K Datasheet
69Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
ML1225-X-AE3-R UTC-ML1225-X-AE3-R Datasheet
198Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
ML1225-X-T92-B UTC-ML1225-X-T92-B Datasheet
198Kb / 3P
MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results

Similar Description - ML1225

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
Silicon Controlled Rectifiers
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
SILICON CONTROLLED RECTIFIERS
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
SILICON CONTROLLED RECTIFIERS
logo
SemiWell Semiconductor
SCP25C60 SEMIWELL-SCP25C60 Datasheet
636Kb / 5P
Silicon Controlled Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com