Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSII3x10/06 Datasheet(PDF) 5 Page - Powersem GmbH

Part # PSII3x10/06
Description  IGBT Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSII3x10/06 Datasheet(HTML) 5 Page - Powersem GmbH

  PSII3x10/06 Datasheet HTML 1Page - Powersem GmbH PSII3x10/06 Datasheet HTML 2Page - Powersem GmbH PSII3x10/06 Datasheet HTML 3Page - Powersem GmbH PSII3x10/06 Datasheet HTML 4Page - Powersem GmbH PSII3x10/06 Datasheet HTML 5Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
PSII 3x10/06
Diode
Transient thermal resistance junction to heatsink
200
600
1000
0
400
800
70
80
90
100
110
120
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
0
200
400
600
800 1000
0
5
10
15
20
0.0
0.3
0.6
0.9
1.2
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
10
20
30
40
100
1000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/
µs
A
V
nC
A/
µs
A/
µs
t
rr
ns
t
fr
A/
µs
µs
I
F= 20A
I
F= 10A
I
F=
5A
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
I
F
= 10A
Peak reverse current I
RM
versus -di
F/dt
Reverse recovery charge Q
r
versus -di
F/dt
Forward current I
F versus VF
T
VJ= 100°C
V
R = 300V
T
VJ= 100°C
V
R = 300V
I
F= 20A
I
F= 10A
I
F=
5A
Q
r
I
RM
Dynamic parameters Q
r, IRM
versus T
VJ
Recovery time t
rr versus -diF/dt
Peak forward voltage V
FR and tfr
versus di
F/dt
I
F= 20A
I
F= 10A
I
F=
5A
t
fr
V
FR
T
VJ=150°C
T
VJ=100°C
T
VJ= 25°C
8-06A
(Z
thJH is measured using 50 µm
thermal grease)
Fred
ZthJH[K/W]
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
t(s)
D = 0
D = 0.005
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com