Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA31002 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TA31002
Description  TELEPHONE TONE RINGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA31002 Datasheet(HTML) 2 Page - Unisonic Technologies

  TA31002 Datasheet HTML 1Page - Unisonic Technologies TA31002 Datasheet HTML 2Page - Unisonic Technologies TA31002 Datasheet HTML 3Page - Unisonic Technologies TA31002 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCTA31002A LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
BLOCK DIAGRAM
LOW
OSC
HIGH
OSC
AMP
POWER SUPPLY (WITH HYSTERESIS)
8
6
7
4
3
1
5
2
OUTPUT
R3
R2
C3
C2
Note:R2,R3,C2 and C3 are parts externally mounted
ELECTRICAL CHARACTERISTICS( Ta=25
°C, all voltage referenced to GND unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Supply Voltage
Vcc
29.0
V
Initiation Supply Voltage (note 1)
Vsi
See Fig.2
17
19
21
V
Initiation Supply Current (note 1)
Isi
6.8K-Pin 2 to GND
1.4
2.8
4.2
mA
Sustaining Voltage
(note 2)
Vsus
See Fig.2
9.7
11.0
12.0
V
Sustaining Current
(note 2)
Isus
No Load Vcc=Vsus,See Fig.2
0.7
1.4
2.5
mA
Output Voltage High
VOH
Vcc=21V, I8=-15mA
Pin6=6V, Pin7=GND
17.0
19.0
21.0
V
Output Voltage Low
VOL
Vcc=21V, I8=15mA
Pin6=GND, Pin7=6V
1.6
V
IIN(Pin 3)
IIN(Pin 7)
Pin3=6V, Pin4=GND
Pin7=6V, Pin6=GND
500
500
nA
nA
High Frequency 1
FH1
R3=191K, C3=6800pF
461
512
563
Hz
High Frequency 2
FH2
R3=191K, C3=6800pF
576
640
704
Hz
Low Frequency
FL
R2=165K, C2=0.47
µF
9.0
10
11.0
Hz
*NOTE (See electrical characteristics sheet)
1. Initiation supply voltage (Vsi) is the supply voltage required to start the tone ringer oscillating.
2. Sustaining voltage (Vsus)
is the supply voltage required to maintain oscillation.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com