Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCTA7613AP Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCTA7613AP
Description  I-CHIP AM/FM RADIO IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTA7613AP Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCTA7613AP Datasheet HTML 1Page - Unisonic Technologies UTCTA7613AP Datasheet HTML 2Page - Unisonic Technologies UTCTA7613AP Datasheet HTML 3Page - Unisonic Technologies UTCTA7613AP Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCTA7613AP LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R110-006,A
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
11
V
Supply Current
ICC
44
mA
Power Dissipation
PD
600
mW
Thermal Resistance
RJ-A
100
°C /W
Operating Temperature
TOPX
-18 ~ +65
°C
Storage Temperature
TSTG
-40 ~ +125
°C
NOTE:Ta>25
°C, DERATE WITH 10mW/°C UNLESS SPECIFIED.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Circuit
Current
ICCQ
SW1
→FM,VCC=3V
7
12
17
mA
SW1
→FM,VCC=9V
10
17
23
V Pin 16 ( FM )
V16(FM)
SW1
→FM,ICC=42mA
2.0
2.4
3.1
V
Limiting Voltage
VIN(Lim)
SW1
→FM,VCC=5.5V,-3db
V16=2.4V,VR=Min.
57
dB
µV
Internal Regulated
Voltage
VCC
SW1
→AM,ICC=42mA
12.5
13.2
14.0
V
V Pin 16 ( AM)
V16(AM)
SW1
→AM,VCC=9V
1.4
1.9
V
Signal to Noise
Ratio
VO
SW1
→AM,VCC=12V,VIN=37dB
SW2
→45Ω,V16=1.4V
1.5
3.0
V
Maximum Sensitivity
S/N
SW1
→AM,VCC=5.5V,
SW2
→8Ω,VIN=37.5dB
15
20
dB
Power Output
POUT
SW2
→8Ω,VCC=5.5V,F=1KHZ
VR=Min.
THD=10%
0.28
W
Total Harmonic
Distortion
THD
SW2
→45Ω,ICC=42mA,F=1KHZ
VR=Min.
VOUT=2V
0.5
4.0
%
Voltage Gain
GV
SW2
→8Ω,VCC=5.5V,f=1KHZ
VR=Min.
40
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com