Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7613AP Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TA7613AP
Description  I-CHIP AM/FM RADIO IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7613AP Datasheet(HTML) 4 Page - Unisonic Technologies

  TA7613AP Datasheet HTML 1Page - Unisonic Technologies TA7613AP Datasheet HTML 2Page - Unisonic Technologies TA7613AP Datasheet HTML 3Page - Unisonic Technologies TA7613AP Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UTCTA7613AP LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R110-006,A
TEST CIRCUIT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
6
1
2
3
4
6
1
2
3
4
6
1
2
3
4
6
1
2
3
4
6
1
2
3
4
6
1
2
3
4
6
~
~
FM
AM
SW1
AM HF
INPUT
VOD
INPUT
GND
OUTPUT
Vcc
Icc
V13
V16
FM
AM
SW1
1.2k
Rg=50
Rg=600
HF
SIGNAL
AUDIO
SIGNAL
50
2pF
220pF
0.022
µF
0.022
µF
5k
51pF
0.047
µF
50
0.01
µF
0.022
µF
22k
0.001
µF
3.3
µF
45
8
470
µF
470
µF
10pF
4.7k
0.047
µF
SW2
FM IF
INOUT
UTC TA7613AP



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com