Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7640AP Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TA7640AP
Description  AM/FM IF PROCESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7640AP Datasheet(HTML) 2 Page - Unisonic Technologies

  TA7640AP Datasheet HTML 1Page - Unisonic Technologies TA7640AP Datasheet HTML 2Page - Unisonic Technologies TA7640AP Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCTA7640AP LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R110-007,A
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Voltage
VCC
8
V
Led Driving Current
ILAMP
10
mA
Power Dissipation
PD
750
mW
Operating Temperature
TOPR
-25 ~-+75
°C
Storage Temperature
TSTG
-55~-+150
°C
NOTE :Ta>25
°C,6mw/°C
DC ELECTRICAL CHARACTERISTICS(VCC=5V)
PARAMETER
SYMBOL
TYP
UNIT
AM
FM
Pin 1 AM Mixer Input
V1
1.5
0
V
Pin 2 AM Mixer Bypass
V2
1.5
0
V
Pin 3 AM Local OSC
V3
2.3
2.3
V
Pin 4 Voltage Regulator
V4
2.3
2.3
V
Pin 5 AM IF Out
V5
1
0.9
V
Pin 6 Level Meter Out
V6
1
0.9
V
Pin 7 Led Driver Output
V7
V
Pin 8 GND
V8
0
0
V
Pin 9 Dectector
V9
1.4
1.5
V
Pin 10 Vcc
V10
5
5
V
Pin 11 FM Decter Out
V11
5
5
V
Pin 12 AM IF Bypass
V12
1.5
1.5
V
Pin 13 AM IF Input
V13
1.5
1.5
V
Pin 14 AM IFBypass
V14
1.5
1.5
V
Pin 15 FM IF Input
V15
1.5
1.5
V
Pin 16 AM Mixer Output
V16
5
5
V
AC ELECTRICAL CHARACTERISTICS(Ta=25
°C,VCC=5V,FM;f=10.7MHz, ∆f=22.5KHz, FM=400Hz AM;
f=1MHz, Mod=30%,FM=400Hz)
PARAMETER
SYMBOL
CHART
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
ICC(1)
1
FM
VIN=0
10
15
mA
ICC(2)
AM
VIN=0
7
10
FM
Input Limiting Voltage
VIN(lim)
1
-3dB
40
46
dB
µ
Detector Output
VOD
1
VIN=66dB
µ
57
85
114
mVrms
Signal Noise Ratio
S/N
1
VIN=80dB
µ
65
dB
Total Harmonic
Distortion
THD
1
VIN=80dB
µ
0.05
%
Am Rejection
AMR
1
VIN=80dB
µ
38
dB
µ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com