Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSMI40/06 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSMI40/06
Description  CoolMOS Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSMI40/06 Datasheet(HTML) 1 Page - Powersem GmbH

  PSMI40/06 Datasheet HTML 1Page - Powersem GmbH PSMI40/06 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PSMI 40/06
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 2
2004 POWERSEM reserves the right to change limits, test conditions and dimensions
Preliminary Data Sheet
Caution: These Devices are sensitive
to electrostatic discharge. Users should
observe proper ESD handling precautions.
CoolMOS Power MOSFET
in ECO-PAC 2
N-Channel Enhancement Mode
Low R
DSon, High VDSS MOSFET
Package with Electrically Isolated Base
I
D25
= 38 A
V
DSS
= 600 V
R
DSon
= 70 m
Ω
Ω
Ω
Ω
Ω
1) CoolMOS is a trademark of Infineon Technologies AG.
1)
Features
• ECO-PAC 2 with DCB Base
- Electrical isolation towards the
heatsink
- Low coupling capacitance to the heatsink
for reduced EMI
- High power dissipation
- High temperature cycling capability
of chip on DCB
- solderable pins for DCB mounting
• fastCoolMOSpowerMOSFET-2ndgeneration
- High blocking capability
- Low on resistance
- Avalanche rated for unclamped
inductive switching (UIS)
- Low thermal resistance
due to reduced chip thickness
• Enhanced total power density
• UL registered, E 148688
Applications
• Switched mode power supplies (SMPS)
• Uninterruptible power supplies (UPS)
• Power factor correction (PFC)
• Welding
• Inductive heating
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling capability
• High power density
• Small and light weight
MOSFET
Symbol
Conditions
Maximum Ratings
V
DSS
T
VJ = 25°C to 150°C
600
V
V
GS
±20
V
I
D25
T
C = 25°C
38
A
I
D90
T
C = 90°C
25
A
dv/dt
V
DS < VDSS; IF ≤ 50A;diF/dt≤ 200A/µs
6
V/ns
T
VJ = 150°C
E
AS
I
D = 10 A; L = 36 mH; TC = 25°C
1.8
J
E
AR
I
D = 20 A; L =
5 µH; T
C = 25°C
1
mJ
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ. max.
R
DSon
V
GS = 10 V; ID = ID90
70 m
Ω
V
GSth
V
DS = 20 V; ID = 3 mA;
3.5
5.5
V
I
DSS
V
DS = VDSS; VGS = 0 V; TVJ =
25°C
25 µA
T
VJ = 125°C
60
µA
I
GSS
V
GS = ±20 V; VDS = 0 V
100 nA
Q
g
220
nC
Q
gs
55
nC
Q
gd
125
nC
t
d(on)
30
ns
t
r
95
ns
t
d(off)
100
ns
t
f
10
ns
V
F
(reverse conduction) I
F = 20 A; VGS = 0 V
0.9
1.1
V
R
thJC
per MOSFET
0.45 K/W
Data according to IEC 60747 refer to a single diode or transistor unless otherwise stated
V
GS= 10 V; VDS = 350 V; ID = 50 A
V
GS= 10 V; VDS = 380 V;
I
D = 25 A; RG = 1.8 Ω
K13
K12
NTC
L4
L9
R18
P18
L6


Similar Part No. - PSMI40/06

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
PSMI4006 MEDER-PSMI4006 Datasheet
150Kb / 2P
N-Channel Enhancement Mode
More results

Similar Description - PSMI40/06

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXKN75N60 IXYS-IXKN75N60 Datasheet
70Kb / 3P
CoolMOS Power MOSFET
IXKN40N60 IXYS-IXKN40N60 Datasheet
117Kb / 2P
CoolMOS Power MOSFET
VKM40-06P1 IXYS-VKM40-06P1 Datasheet
60Kb / 2P
CoolMOS Power MOSFET
IXKN45N80C IXYS-IXKN45N80C Datasheet
52Kb / 2P
CoolMOS Power MOSFET
VHM40-06P1 IXYS-VHM40-06P1 Datasheet
49Kb / 2P
CoolMOS Power MOSFET
10N60C5M IXYS-10N60C5M Datasheet
104Kb / 4P
CoolMOS Power MOSFET
logo
Powersem GmbH
PSHM40-06 POWERSEM-PSHM40-06 Datasheet
105Kb / 2P
CoolMOS Power MOSFET
PSHM40D-06 POWERSEM-PSHM40D-06 Datasheet
104Kb / 2P
CoolMOS Power MOSFET
logo
IXYS Corporation
IXKP13N60C5M IXYS-IXKP13N60C5M Datasheet
106Kb / 4P
CoolMOS Power MOSFET
IXKC23N60C5 IXYS-IXKC23N60C5 Datasheet
290Kb / 4P
CoolMOS Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com