Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4936G Datasheet(PDF) 1 Page - RFE international

Part # LL4936G
Description  SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

LL4936G Datasheet(HTML) 1 Page - RFE international

  LL4936G Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE MOUNT: General Purpose,
Fast Recovery, & Super Fast Recovery
FAST RECOVERY RECTIFIERS
Operating Temperature: -65°C to 150°C
RFE
Cross-
Max.Average
Peak
Peak Fwd Surge
Max Forward
Max. Reverse
Max Reverse
Package
Outline
Part Number Reference Rect. Current Inverse Current @ 8.3ms Voltage @ Ta 25°C Current @ 25°C Recovery Time
(Dimensions in mm)
Voltage
Superimposed
@ Rated PIV
@ Rated PIV
@ Rated PIV
IO(A)
PIV(V)
IFSM(A)
VFM(V)
IR(mA)
TRR(nS)
7"/13" Reel
LL4933G
DL4933G
1.0 A
50
30
1.3
5
200
1500/5000
LL4934G
DL4934G
1.0 A
100
30
1.3
5
200
1500/5000
LL4935G
DL4935G
1.0 A
200
30
1.3
5
200
1500/5000
LL4936G
DL4936G
1.0 A
400
30
1.3
5
200
1500/5000
LL4937G
DL4937G
1.0 A
600
30
1.3
5
200
1500/5000
RS1A
1.0 A
50
30
1.3
5
150
1800/7500
RS1B
1.0 A
100
30
1.3
5
150
1800/7500
RS1D
1.0 A
200
30
1.3
5
150
1800/7500
RS1G
1.0 A
400
30
1.3
5
150
1800/7500
RS1J
1.0 A
600
30
1.3
5
250
1800/7500
RS2A
FR2A
1.5 A
50
50
1.3
5
150
750/3200
RS2B
FR2B
1.5 A
100
50
1.3
5
150
750/3200
RS2D
FR2D
1.5 A
200
50
1.3
5
150
750/3200
RS2G
FR2G
1.5 A
400
50
1.3
5
150
750/3200
RS2J
FR2J
1.5 A
600
50
1.3
5
250
750/3200
RS2K
FR2K
1.5 A
800
50
1.3
5
500
750/3200
RS3A
FR3A
3.0 A
50
100
1.3
10
150
850/3500
RS3B
FR3B
3.0 A
100
100
1.3
10
150
850/3500
RS3D
FR3D
3.0 A
200
100
1.3
10
150
850/3500
RS3G
FR3G
3.0 A
400
100
1.3
10
150
850/3500
RS3J
FR3J
3.0 A
600
100
1.3
10
250
850/3500
RS3K
FR3K
3.0 A
800
100
1.3
10
500
850/3500
4.675
4.725
2.13
2.43
2.005
5.35
5.52
3.58
5.45
2.055
6.60
7.11
2.00
2.62
2.92
7.75
5.59
6.22
8.13
3.07
C
4.25
4.75
1.98
2.61
1.43
5.26
2.54
2.83
5.46
1.58
A
4.25
4.75
2.13
2.43
2.005
5.35
3.48
3.73
5.45
2.055
Operating Temperature: -50 C to 150 C
Part
Cross-
Max.Average
Peak
Peak Fwd Surge
Max Forward
Max. Reverse
Max Reverse
Package
Outline
Number Reference Rect. Current Inverse Current @ 8.3ms Voltage @ Ta 25 C Current @ 25 C Recovery Time
(Dimensions in mm)
Voltage
Superimposed
@ Rated PIV
@ Rated PIV
@ Rated PIV
IO(A)
PIV(V)
IFSM(A)
VFM(V)
IR(mA)
TRR(nS)
7"/13"Reel
ES1A
1.0A
50
30
0.95
5
35
1800/7500
ES1B
1.0A
100
30
0.95
5
35
1800/7500
ES1C
1.0A
150
30
0.95
5
35
1800/7500
ES1D
1.0A
200
30
0.95
5
35
1800/7500
ES1E
1.0A
300
30
1.25
5
35
1800/7500
ES1G
1.0A
400
30
1.25
5
35
1800/7500
ES1J
1.0A
500
30
1.7
5
35
1800/7500
ES2A
2.0A
50
50
0.95
5
35
750/3200
ES2B
2.0A
100
50
0.95
5
35
750/3200
ES2C
2.0A
150
50
0.95
5
35
750/3200
ES2D
2.0A
200
50
0.95
5
35
750/3200
ES2E
2.0A
300
50
1.25
5
35
750/3200
ES2G
2.0A
400
50
1.25
5
35
750/3200
ES2J
2.0A
500
50
1.7
5
35
750/3200
SUPER FAST RECOVERY DIODE
ES3_ are on the next page.
4.25
4.75
1.98
2.61
1.43
5.26
2.54
2.83
5.46
1.58
A
4.25
4.57
1.98
2.61
1.27
4.82
2.29
2.92
5.58
1.64
A
4.25
4.75
1.98
2.61
1.43
5.26
2.54
2.83
5.46
1.58
A
GENERAL PURPOSE RECTIFIER
Operating Temperature: -65°C to 150°C
RFE
Cross-
Max.Average
Peak
Peak Fwd Surge
Max Forward
Max. Reverse
Package
Outline
Part Number Reference Rect. Current Inverse Current @ 8.3ms Voltage @ Ta 25°C Current @ 25°C
(Dimensions in mm)
Voltage
Superimposed
@ Rated PIV
@ Rated PIV
IO(A)
PIV(V)
IFSM(A)
VFM(V)
IR(mA)
7"/13" Reel
LL4001G
DL4001G
1.0 A
50
30
1.10
5
1500/5000
LL4002G
DL4002G
1.0 A
100
30
1.10
5
1500/5000
LL4003G
DL4003G
1.0 A
200
30
1.10
5
1500/5000
LL4004G
DL4004G
1.0 A
400
30
1.10
5
1500/5000
LL4005G
DL4005G
1.0 A
600
30
1.10
5
1500/5000
LL4006G
DL4006G
1.0 A
800
30
1.10
5
1500/5000
LL4007G
DL4007G
1.0 A
1000
30
1.10
5
1500/5000
S1A
1.0 A
50
30
1.10
1
1800/7500
S1B
1.0 A
100
30
1.10
1
1800/7500
S1D
1.0 A
200
30
1.10
1
1800/7500
S1G
1.0 A
400
30
1.10
1
1800/7500
S1J
1.0 A
600
30
1.10
1
1800/7500
S1K
1.0 A
800
30
1.10
1
1800/7500
S1M
1.0 A
1000
30
1.10
1
1800/7500
S2A
1.5 A
50
50
1.15
1
750/3200
S2B
1.5 A
100
50
1.15
1
750/3200
S2D
1.5 A
200
50
1.15
1
750/3200
S2G
1.5 A
400
50
1.15
1
750/3200
S2J
1.5 A
600
50
1.15
1
750/3200
S2K
1.5 A
800
50
1.15
1
750/3200
S2M
1.5 A
1000
50
1.15
1
750/3200
S3A
3.0 A
50
100
1.15
10
850/3500
S3B
3.0 A
100
100
1.15
10
850/3500
S3D
3.0 A
200
100
1.15
10
850/3500
S3G
3.0 A
400
100
1.15
10
850/3500
S3J
3.0 A
600
100
1.15
10
850/3500
S3K
3.0 A
800
100
1.15
10
850/3500
S3M
3.0 A
1000
100
1.15
10
850/3500
4.06
4.57
1.91
2.41
1.95
5.20
3.30
3.93
5.58
2.21
6.60
7.11
1.91
2.41
2.92
7.75
5.59
6.22
8.13
3.17
C
(DO-214AA)
(DO-214AC)
(DO-214AB)
MINIMELF
4.06
06
57
27
64
4 82
58
29
92
06
57
1 91
1
1 95
21
20
58
3 30
93
1 91
41
1
06
57
27
64
4 82
58
2 29
92
06
57
1 91
1
1 95
21
20
58
30
9
C3B02
REV 2001
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - LL4936G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL4936G TSC-LL4936G Datasheet
67Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
LL4936G TSC-LL4936G Datasheet
260Kb / 2P
1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Shenzhen Luguang Electr...
LL4936G LUGUANG-LL4936G Datasheet
218Kb / 2P
1.0AMP. Surface Mount Glass Plassivated Silicon Rectifiers
logo
RFE international
LL4936G RFE-LL4936G Datasheet
149Kb / 1P
SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
More results

Similar Description - LL4936G

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
FS2A YENYO-FS2A Datasheet
751Kb / 2P
Surface Mount Super Fast Recovery Rectifier
logo
SeCoS Halbleitertechnol...
SUF301C SECOS-SUF301C_16 Datasheet
213Kb / 2P
Surface Mount Super Fast Recovery Rectifiers
logo
Microdiode Semiconducto...
ES3ABG CHENDA-ES3ABG_V01 Datasheet
1Mb / 3P
SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER
logo
Pan Jit International I...
ERT2AAFC PANJIT-ERT2AAFC Datasheet
349Kb / 4P
Surface Mount Super Fast Recovery Rectifier
July 4,2020 ERT2AAFC_SERIES-REV.00
MER1DMB PANJIT-MER1DMB Datasheet
241Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER1DMB-REV.00
MER2DAL PANJIT-MER2DAL Datasheet
171Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 21,2022 MER2DAL-REV.00
MER3DAFC-AU PANJIT-MER3DAFC-AU Datasheet
175Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 22,2022 MER3DAFC-AU-REV.00
MER3DBF-AU PANJIT-MER3DBF-AU Datasheet
234Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 22,2022 MER3DBF-AU-REV.00
MER3DBF PANJIT-MER3DBF Datasheet
234Kb / 5P
Surface Mount Super Fast Recovery Rectifier
April 22,2022 MER3DBF-REV.00
logo
RFE international
DL4001G RFE-DL4001G Datasheet
149Kb / 1P
SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com