Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTCTL074 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTCTL074
Description  LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTL074 Datasheet(HTML) 5 Page - Unisonic Technologies

  UTCTL074 Datasheet HTML 1Page - Unisonic Technologies UTCTL074 Datasheet HTML 2Page - Unisonic Technologies UTCTL074 Datasheet HTML 3Page - Unisonic Technologies UTCTL074 Datasheet HTML 4Page - Unisonic Technologies UTCTL074 Datasheet HTML 5Page - Unisonic Technologies UTCTL074 Datasheet HTML 6Page - Unisonic Technologies UTCTL074 Datasheet HTML 7Page - Unisonic Technologies UTCTL074 Datasheet HTML 8Page - Unisonic Technologies UTCTL074 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UTCTL074
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R105-005,A
UTC TL074BC ELECTRICAL CHARACTERISTICS( Vcc=+-15V, Ta=25
°C, unless otherwise
specified)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Input Offset Voltage(Rs=50
Ω), Ta=25°C
Tmin<=Ta<=Tmax
Vio
1
3
5
mV
Temperature Coefficient
of Input Offset
Voltage(Rs=50
Ω)
Dvio
10
¦ Ì
V/¡
æ
Input Offset Current*
Ta=25
°C
Tmin<=Ta<=Tmax
Iio
5
100
4
pA
nA
Input Bias Current*
Ta=25
°C
Tmin<=Ta<=Tmax
Iib
20
200
20
pA
nA
Input Common Mode Voltage
Vicm
+-11
-12~+15
V
Output Voltage Swing(RL=10k
Ω)
Ta=25
°C, RL=2kΩ,
Ta=25
°C, RL=10kΩ
Tmin<=Ta<=Tmax, RL=2k
Ω
Tmin<=Ta<=Tmax, RL=10k
Ω
Vopp
10
12
10
12
12
13.5
V
Large Signal Voltage Gain(RL=10k
Ω, Vo=+-
10V) Ta=25
°C
Tmin<=Ta<=Tmax
Avd
50
25
200
V/mV
Gain Bandwidth Product(Ta=25
°C, RL=10kΩ,
CL=100pF)
GBP
2
3
MHz
Input Resistance
Ri
10
12
Ω
Common Mode Rejection Ratio(RS=50
Ω)
Ta=25
°C
Tmin<=Ta<=Tmax
CMR
80
80
86
dB
Supply Voltage Rejection Ratio(RS=50
Ω)
Ta=25
°C
Tmin<=Ta<=Tmax
SVR
80
80
86
dB
Supply Current( no load)
Ta=25
°C
Tmin<=Ta<=Tmax
Icc
1.4
2.5
2.5
mA
Channel Separation(Av=100, Ta=25
°C)
V01/V02
120
dB
Output Short-circuit Current
Ta=25
°C
Tmin<=Ta<=Tmax
Ios
10
10
40
60
60
mA
Slew Rate(Vi=10V, RL=2k
Ω, CL=100pF,
Ta=25
°C, unity gain)
SR
8
13
V/
µs
Rise Time(Vi=20mV, RL=2k
Ω, CL=100pF,
Ta=25
°C, unity gain)
tr
0.1
µs
Overshoot Factor(Vi=20mV, RL=2k
Ω,
CL=100pF, Ta=25
°C, unity gain)
Kov
10
%
Total Harmonic Distortion(Av=20dB, f=1kHz
RL=2k
Ω, CL=100pF, Ta=25°C, Vo=2Vpp)
THD
0.01
%
Phase Margin
45
Degrees
Equivalent Input Noise Voltage(RS=100
Ω,
f=1KHz)
en
15
*The Input bias currents are junction leakage currents, which approximately double for every 10
°C increase in the
junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com