Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHT400-16F Datasheet(PDF) 1 Page - RFE international

Part # FHT400-16F
Description  Radial Leaded PPTC FHT Series: High Temperature, 125째C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FHT400-16F Datasheet(HTML) 1 Page - RFE international

  FHT400-16F Datasheet HTML 1Page - RFE international FHT400-16F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Radial Leaded PPTC
FHT Series: High Temperature, 125°C
FEATURES
• RoHS Compliant
• Ideal for Automotive and Industrial Applications
• Operation Current: 2.0 ~ 15.0A
• Maximum Voltage: 16V
• Temperature Range: -40°C to 125°C
AGENCY RECOGNITION
ELECTRICAL CHARACTERISTICS (23°C)
• UL (Est. Approval April 2008)
C-UL
TÜV
•
(Est. Approval April 2008)
•
(Est. Approval April 2008)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C5EB06
2008.2.4
RoHS
ü
RMIN
R1MAX
IH, A
IT, A
at 5XIH, S
IMAX, A
VMAX, VAC/DC
Pd, W
OHMS
OHMS
FHT200-16F
2.0
3.8
3.0
100
16
1.4
0.045
0.110
FHT300-16F
3.0
6.0
5.0
100
16
3.0
0.033
0.079
FHT400-16F
4.0
7.0
5.0
100
16
3.3
0.024
0.060
FHT450-16F
4.5
7.8
3.0
100
16
3.6
0.022
0.054
FHT550-16F
5.5
10.0
6.0
100
16
3.5
0.015
0.037
FHT600-16F
6.0
10.8
5.0
100
16
4.1
0.013
0.032
FHT650-16F
6.5
12.0
5.5
100
16
4.3
0.011
0.026
FHT700-16F
7.0
13.0
7.0
100
16
4.0
0.01
0.025
FHT750-16F
7.5
13.1
7.0
100
16
4.5
0.0094
0.022
FHT800-16F
8.0
15.0
8.0
100
16
4.2
0.008
0.020
FHT900-16F
9.0
16.5
10.0
100
16
5.0
0.0074
0.017
FHT1000-16F
10.0
18.5
9.0
100
16
5.3
0.0062
0.015
FHT1100-16F
11.0
20.0
11.0
100
16
5.5
0.0055
0.013
FHT1300-16F
13.0
24.0
13.0
100
16
6.9
0.0041
0.010
FHT1400-16F
14.0
27.0
13.0
100
16
6.9
0.003
0.009
FHT1500-16F
15.0
28.0
20.0
100
16
7.0
0.0032
0.009
Hold
Current
Trip
Current
Maximum
Current
Max. Time
to Trip
Rated
Voltage
Typical
Power
Resistance Tolerance
Part Number
IH=Hold current-maximum current at which the device will not trip at 23°C still air.
IT=Trip current-maximum current at which the device will always trip at 23°C still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
VI-MAX=Maximum interrupt voltage device can withstand for short period of time. (Not for long term.)
I MAX=Maximum fault current device can withstand without damage at rated voltage (V MAX).
Pd=Typical power dissipated from device when in the tripped state in 23°C still air environment.
R MIN=Minimum device resistance at 23°C.
R1MAX=Maximum device resistance at 23°C, 1 hour after tripping.
Lead material: (All are Tin Plated Copper) FHT200-16F, 24 AWG; FHT300-16F ~ FHT110-16F, 20 AWG;FHT1300-16F ~ FHT1500-16F, 18 AWG.
Soldering characteristics: MIL-STD-202, Method 208E.
Insulating coating: Flame retardant epoxy, meet UL-94V-0 requirement.
FHT PRODUCT DIMENSIONS (MILLIMETERS)
C
F
L
C
L
C
L
C
L
C
A
B
D
E
C
F
L
C
L
C
A
B
D
E
Figure 1
Lead Size: 24AWG
Ö 0.51 mm Diameter
A
B
D
L
C
L
C
E
F
L
C L
C
C
Figure 2
Lead Size: 20AWG
Ö 0.81 mm Diameter
Figure 3
Lead Size: 18AWG
Ö 1.00 mm Diameter
A
B
C
D
E
F
Maximum Maximum Typical Minimum Maximum Typical
FHT200-16F
9.4
14.4
5.1
7.6
3.0
1.2
1
FHT300-16F
8.8
13.8
5.1
7.6
3.0
1.2
2
FHT400-16F
10.0
15.0
5.1
7.6
3.0
1.2
2
FHT450-16F
10.4
15.6
5.1
7.6
3.0
1.2
2
FHT550-16F
11.2
18.9
5.1
7.6
3.0
1.2
2
FHT600-16F
11.2
21.0
5.1
7.6
3.0
1.2
2
FHT650-16F
12.7
22.2
5.1
7.6
3.0
1.2
2
FHT700-16F
14.0
21.9
5.1
7.6
3.0
1.2
2
FHT750-16F
14.0
23.5
5.1
7.6
3.0
1.2
2
FHT800-16F
16.5
22.5
5.1
7.6
3.0
1.2
2
FHT900-16F
16.5
25.7
5.1
7.6
3.0
1.2
2
FHT1000-16F
17.5
26.5
10.2
7.6
3.0
1.2
2
FHT1100-16F
21.0
26.1
10.2
7.6
3.0
1.2
2
FHT1300-16F
23.5
28.7
10.2
7.6
3.6
1.4
3
FHT1400-16F
23.5
28.7
10.2
7.6
3.6
1.4
3
FHT1500-16F
23.5
28.7
10.2
7.6
3.6
1.4
3
Figure
Part Number


Similar Part No. - FHT400-16F

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FHT400-16F FUZETEC-FHT400-16F Datasheet
169Kb / 4P
Radial Leaded PTC Resettable Fuse : FHT Series
logo
RFE international
FHT400-16F RFE-FHT400-16F Datasheet
326Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
More results

Similar Description - FHT400-16F

ManufacturerPart #DatasheetDescription
logo
RFE international
FBR100UF RFE-FBR100UF Datasheet
189Kb / 2P
Radial Leaded PPTC FBR Series
FRG250-16F RFE-FRG250-16F Datasheet
124Kb / 1P
Radial Leaded PPTC FRG Series
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
Radial Leaded PPTC FRH Series
FRT050-33F RFE-FRT050-33F Datasheet
145Kb / 2P
Radial Leaded PPTC FRT Series
FRU090-30F RFE-FRU090-30F Datasheet
161Kb / 2P
Radial Leaded PPTC FRU Series
FRV005-240F RFE-FRV005-240F Datasheet
154Kb / 2P
Radial Leaded PPTC FRV Series
FRVL010-120F RFE-FRVL010-120F Datasheet
215Kb / 2P
Radial Leaded PPTC FRVL Series
FRX005-60F RFE-FRX005-60F Datasheet
202Kb / 2P
Radial Leaded PPTC FRX Series
FUSB075F RFE-FUSB075F Datasheet
126Kb / 1P
Radial Leaded PPTC FUSB Series
logo
Fuzetec Technology Co.,...
FHT050-30F FUZETEC-FHT050-30F Datasheet
169Kb / 4P
Radial Leaded PTC Resettable Fuse : FHT Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com