Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSMD005-1210 Datasheet(PDF) 2 Page - RFE international

Part # FSMD005-1210
Description  Surface Mount PPTC FSMD1210 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD005-1210 Datasheet(HTML) 2 Page - RFE international

  FSMD005-1210 Datasheet HTML 1Page - RFE international FSMD005-1210 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
C
D E
F
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Fault current (A)
A
Surface Mount PPTC
FSMD1210 Series
THERMAL DERATING CURVE
PAD LAYOUTS, SOLDER REFLOW AND REWORK RECOMMENDATIONS
TYPICAL TIME-TO-TRIP AT 23°C
The dimension in the table below provide the recommended pad layout for each FSMD1210 device
Solder Reflow
Due to “Lead Free” nature, up to 40 seconds dwelling time for the soldering zone is strongly recommended.
1. Recommended reflow methods; IR, vapor phase oven, hot air oven.
2. The FSMD Series are suitable for use with wave-solder application methods. (Top side only)
3. Recommended maximum paste thickness is 0.25mm.
4. Devices can be cleaned by using standard industry methods and solvents.
5. Storage Environment: <30°C / 60%RH
Caution:
If reflow temperatures exceed the recommended profile, devices may not meet performance requirements.
Rework:
Use standard industry practices.
NOTE: All Specification subject to change without notice.
A=
B=
C=
D=
E=
F=
FSMD005-1210
FSMD010-
FSMD020-
FSMD035-
FSMD050-
FSMD075-
1210
1210
1210
1210
1210
SOLDER REFLOW
2.80
1.0
1.0
2.0
Thermal Derating Curv e, FSMD1210 Serie s
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Temperature (C)
NOMINAL PAD DIMENSIONS (MILLIMETERS)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
260 °C
217 °C
200 °C
150 °C
25 °C
f
60 to 180 Seconds
60 to 150 Seconds
Ramp-up
3°C/Second Max
20 to 40 Seconds
Ramp-down
6°C/Second Max
Preheat
C5ED03
REV 2007.8.14



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com