Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT73127/DW Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # VT73127/DW
Description  27 MHz 3.3V VCXO with Output Enable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT73127/DW Datasheet(HTML) 1 Page - Vaishali Semiconductor

  VT73127/DW Datasheet HTML 1Page - Vaishali Semiconductor VT73127/DW Datasheet HTML 2Page - Vaishali Semiconductor VT73127/DW Datasheet HTML 3Page - Vaishali Semiconductor VT73127/DW Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2001-08-06
Page
1
MDST-0012-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Applications
•= Crystal-driven clock source
General Description
The Vaishali VT73127 is a single-chip, low-jitter Voltage-Controlled-Crystal-Oscillator. The device accepts
a 27 MHz, 20 pF crystal input, and produces a low jitter output at the same frequency. The output is
enabled when OE is logic HIGH and goes into high impedance state when OE is logic LOW. A 0 to 3.0V
control signal is used to fine tune the output clock frequency in the ±100ppm range.
Features
•= 3.3V operating voltage
•= Uses inexpensive pullable crystals
•= 12mA drive capability at TTL levels
•= On-chip oscillator with 200 ppm pull range (±100 ppm)
•= Active High output enable
•= Die only
Preliminary
VT73127
27 MHz 3.3V VCXO with Output Enable
Figure 1. Functional Block Diagram
CLK
OE
VDD2
X2
Load Cap Control
Output
Buffer
Load
Caps
VDD1
27 MHz
Pullable
Crystal
VIN
X1
GND
GND
Oscillator


Similar Part No. - VT73127/DW

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT73227-/D VAISH-VT73227-/D Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT73227-S1 VAISH-VT73227-S1 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT73227-S1X VAISH-VT73227-S1X Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT73LVP10 VAISH-VT73LVP10 Datasheet
69Kb / 3P
TTL to Differential LVPECL Translator
More results

Similar Description - VT73127/DW

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
logo
Integrated Circuit Syst...
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
Low Cost 27 MHz VCXO
Revision 111600
logo
Pericom Semiconductor C...
PI6CX100-27 PERICOM-PI6CX100-27 Datasheet
291Kb / 4P
27 MHz 3.3V VCXO for Set-Top Box Applications
logo
List of Unclassifed Man...
T73227 ETC1-T73227 Datasheet
77Kb / 5P
27 MHz VCXO Clock Generator IC
logo
Pericom Semiconductor C...
PI6CX100-272 PERICOM-PI6CX100-272 Datasheet
235Kb / 4P
27 MHz 3.3V VCXO
logo
Cypress Semiconductor
CY24119 CYPRESS-CY24119 Datasheet
128Kb / 5P
MediaClock 27-MHz VCXO Clock Generator
logo
Connor-Winfield Corpora...
PVL54I90 CONNOR-WINFIELD-PVL54I90 Datasheet
107Kb / 2P
3.3V PECL VCXO WITH DIFFERENTIAL OUTPUT
logo
TAI-SAW TECHNOLOGY CO.,...
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
7.0x5.0 VCXO 27 MHz
logo
Cypress Semiconductor
CY2VC511 CYPRESS-CY2VC511 Datasheet
225Kb / 7P
27 MHz Clock Generator with VCXO
logo
Renesas Technology Corp
MK2727 RENESAS-MK2727 Datasheet
327Kb / 8P
LOW COST 27 MHZ VCXO
051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com