Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT83027 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # VT83027
Description  27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT83027 Datasheet(HTML) 1 Page - Vaishali Semiconductor

  VT83027 Datasheet HTML 1Page - Vaishali Semiconductor VT83027 Datasheet HTML 2Page - Vaishali Semiconductor VT83027 Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2001-04-17
Page
1
MDST-0003-03
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Applications
•= Set-top boxes
•= Telecom switching
•= HDTV
•= MPEG Video clock source
General Description
The Vaishali VT83027 is a single-chip, integrated VCXO and Phase Locked Loop (PLL) clock synthesizer.
The device uses the VCXO and an analog Phase-Locked Loop (PLL) to accept a 13.5 MHz, 14 pF (pull
range of 200 ppm) crystal input, and produce a 27 MHz output. A 0 to 3V control signal is used to fine tune
the output clock frequency in the ±100ppm range.
Features
•= 3.3V supply operation
•= Low jitter PLL Clock Synthesizer
−= Zero ppm synthesis error
•= Uses inexpensive pullable crystal
•= ±12mA drive capability
•= On-chip oscillator with 200 ppm pull
range (±100 ppm)
•= 8 pin SOIC package
VT83027
27MHz, 3.3V VCXO
(Voltage-Controlled Crystal Oscillator)
Figure 1. Functional Block Diagram
CLK1
VDD2
X2
Load Cap
Control
Low
Phase
Noise
PLL
Output
Buffer
osc
VDD1
13.5 MHz
Pullable
Crystal
VIN
X1
GND1
GND2
Load
Caps
8 pin (150 mil) SOIC
VT83027
X1
X2
VDD1
VIN
GND2
CLK
1
2
3
4
5
6
7
8
GND1
VDD2
Figure 2. Pin Configuration


Similar Part No. - VT83027

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT83201 VAISH-VT83201 Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201/D VAISH-VT83201/D Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201/DW VAISH-VT83201/DW Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201S1 VAISH-VT83201S1 Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201S1X VAISH-VT83201S1X Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
More results

Similar Description - VT83027

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com