Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLF1306-251Y Datasheet(PDF) 2 Page - RFE international

Part # TLF1306-251Y
Description  SURFACE MOUNT TRANSFORMERS TLF Series: Line Filter (Common Mode Choke)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

TLF1306-251Y Datasheet(HTML) 2 Page - RFE international

  TLF1306-251Y Datasheet HTML 1Page - RFE international TLF1306-251Y Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SURFACE MOUNT TRANSFORMERS
TLF Series: Line Filter (Common Mode Choke)
IMPEDANCE vs FREQUENCY
10
1
0.1
TLF0905-251Y
TLF0905-501Y
TLF0905-121Y
0.1
1
10
100
1000
Frequency (MHz)
10
1
0.1
TLF0602-181Y
TLF0602-331Y
TLF0602-820Y
0.1
1
10
100
1000
Frequency (MHz)
10
1
0.1
TLF1306-350Y
TLF1306-600Y
0.1
1
10
100
1000
Frequency (MHz)
TLF1306-332Y
TLF1306-102Y
TLF1306-101Y
Frequency (Mhz)
0.1
1
10
100
1000
TLF1306-600Y
TLF1306-350Y
30
10
1
0.1
TLF1306-251Y
C4D01
REV 2001
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com