Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA Datasheet(PDF) 1 Page - RFE international

Part # SMA
Description  SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SMA Datasheet(HTML) 1 Page - RFE international

  SMA Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C5DB03
REV 2001
TRANSIENT VOLTAGE SUPPRESSOR DIODE
Operating Teperature: -55°c to 150°c
RF
Working
Break Down
Maximum
Maximum Reverse
Part
Peak
Voltage
Clamping
Current & Leakage
Number
Reverse
VBR
@ IT
Voltage
*A Size
*B Size
*C Size
Voltage
(V)
(mA)
VRSM
Current Leakage
Device Current Leakage
Device Current Leakage
Device
VRWM
Min
Max
(V)
IPPM
at VNWM Marking
IPPM
at VNWM Marking
IPPM
at VNWM Marking
(V)
(A)
IR(µA)
Code
(A)
IR(µA)
Code
(A)
IR(µA)
Code
SM*J33
33
36.7
44.9
1
59
5.3
5
CL
7.8
5
ML
26
5
GGL
SM*J33A
33
36.7
40.6
1
53.3
5.9
5
CM
8.6
5
MM
29
5
GGM
SM*J36
36
40
48.9
1
64.3
4.8
5
CN
7.5
5
MN
24
5
GGN
SM*J36A
36
40
44.2
1
58.1
5.4
5
CP
8.3
5
MP
27
5
GGP
SM*J40
40
44.4
54.3
1
71.4
4.4
5
CQ
7
5
MQ
22
5
GGQ
SM*J40A
40
44.4
49.1
1
64.5
4.8
5
CR
7.7
5
MR
24
5
GGR
SM*J43
43
47.8
58.4
1
76.7
4.1
5
CS
6.6
5
MS
20
5
GGS
SM*J43A
43
47.8
52.8
1
69.4
4.5
5
CT
7.3
5
MT
22
5
GGT
SM*J45
45
50
61.1
1
80.3
3.9
5
CU
6.2
5
MU
9
5
GGU
SM*J45A
45
50
55.3
1
72.7
4.3
5
CV
6.9
5
MV
21
5
GGV
SM*J48
48
53.3
65.1
1
85.5
3.6
5
CW
5.8
5
MW
18
5
GGW
SM*J48A
48
53.3
58.9
1
77.4
4
5
CX
6.4
5
MX
20
5
GGX
SM*J51
51
56.7
69.3
1
91.1
3.4
5
CY
5.6
5
MY
17
5
GGY
SM*J51A
51
56.7
62.7
1
82.4
3.8
5
CZ
6.2
5
MZ
19
5
GGZ
SM*J54
54
60
73.3
1
96.3
3.2
5
RD
5.3
5
ND
16
5
GHD
SM*J54A
54
60
66
1
87.1
3.6
5
RE
5.8
5
NE
18
5
GHE
SM*J58
58
64.4
78.7
1
103
3
5
RF
4.8
5
NF
15
5
GHF
SM*J58A
58
64.4
71.2
1
93.6
3.3
5
RG
5.3
5
NG
16
5
GHG
SM*J60
60
66.7
81.5
1
107
2.9
5
RH
4.5
5
NH
14
5
GGH
SM*J60A
60
66.7
73.7
1
96.8
3.2
5
RK
4.9
5
NK
16
5
GGK
SM*J64
64
71.1
86.9
1
114
2.7
5
RL
4.3
5
NL
13.8
5
GGL
SM*J64A
64
71.1
78.6
1
103
3
5
RM
4.7
5
NM
15
5
GGM
SM*J70
70
77.8
95.1
1
125
2.5
5
RN
3.9
5
NN
12.6
5
GGN
SM*J70A
70
77.8
86
1
113
2.7
5
RP
4.4
5
NP
13.9
5
GGP
SM*J75
75
83.3
102
1
134
2.3
5
RQ
3.8
5
NQ
11.7
5
GGQ
SM*J75A
75
83.3
92.1
1
121
2.6
5
RR
4.1
5
NR
13
5
GGR
SM*J78
78
86.7
106
1
139
2.2
5
RS
3.4
5
NS
11.3
5
GGS
SM*J78A
78
86.7
95.8
1
126
2.5
5
RT
3.7
5
NT
12.5
5
GGT
SM*J85
85
94.4
115
1
151
2
5
RU
3.9
5
NU
10.4
5
GGU
SM*J85A
85
94.4
104
1
137
2.2
5
RV
4.4
5
NV
11.5
5
GGV
SM*J90
90
100
122
1
160
1.9
5
RW
3.8
5
NW
9.8
5
GGW
SM*J90A
90
100
111
1
146
2.1
5
RX
4.1
5
NX
10.7
5
GGX
SM*J100
100
111
136
1
179
1.7
5
RY
3.4
5
NY
8.8
5
GGY
SM*J100A
100
111
123
1
162
1.9
5
RZ
3.7
5
NZ
9.7
5
GGZ
SM*J110
110
122
149
1
196
1.6
5
SD
3
5
PD
8
5
GHD
SM*J110A
110
122
135
1
177
1.7
5
SE
3.4
5
PE
8.9
5
GHE
SM*J120
120
133
163
1
214
1.4
5
SF
2.8
5
PF
7.3
5
GHF
SM*J120A
120
133
147
1
193
1.6
5
SG
3.1
5
PG
8.1
5
GHG
SM*J130
130
144
176
1
231
1.3
5
SH
2.6
5
PH
6.8
5
GHH
SM*J130A
130
144
159
1
209
1.5
5
SK
2.9
5
PK
7.5
5
GHK
SM*J150
150
167
204
1
268
1.1
5
SL
2.2
5
PL
5.8
5
GHL
SM*J150A
150
167
185
1
243
1.3
5
SM
2.5
5
PM
6.4
5
GHM
SM*J160
160
178
218
1
287
1
5
SN
2.1
5
PN
5.4
5
GHN
SM*J160A
160
178
197
1
259
1.2
5
SP
2.3
5
PP
6
5
GHP
SM*J170
170
189
231
1
304
1
5
SQ
2
5
PQ
5.1
5
GHQ
SM*J170A
170
189
209
1
275
1.1
5
SQ
2.2
5
PQ
5.7
5
GHQ
*Replace with A, B, or C, depending on wattage and size needed.
SURFACE MOUNT TVS DIODE
Electrical Characteristics, 33 to 170 Volts
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - SMA

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMA LITEON-SMA Datasheet
50Kb / 4P
UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SMA FORMOSA-SMA Datasheet
61Kb / 1P
Case No. SMA Device
logo
Galaxy Semi-Conductor H...
SMA BILIN-SMA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Riedon Powertron
SMA RIEDON-SMA Datasheet
287Kb / 1P
Precision Metal Film Resistors
logo
Diodes Incorporated
SMA DIODES-SMA Datasheet
174Kb / 12P
SUGGESTED PAD LAYOUT
AP02001 Rev. 38
More results

Similar Description - SMA

ManufacturerPart #DatasheetDescription
logo
RFE international
SA75A RFE-SA75A Datasheet
92Kb / 1P
TVS DIODE Electrical Characteristics SA & 5KP Series: 5 to 180 Volts
SMAJ5.0 RFE-SMAJ5.0 Datasheet
55Kb / 1P
SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
logo
Central Semiconductor C...
BZX85C3V3 CENTRAL-BZX85C3V3 Datasheet
515Kb / 2P
SURFACE MOUNT 1.3W SILICON ZENER DIODE 3.3 VOLTS THRU 33 VOLTS
logo
Bourns Electronic Solut...
CDDFN2-T33B BOURNS-CDDFN2-T33B Datasheet
290Kb / 4P
Surface Mount TVS Diode
CDDFN2-T4.7C BOURNS-CDDFN2-T4.7C Datasheet
228Kb / 4P
Surface Mount TVS Diode
CDDFN2-T5.0C BOURNS-CDDFN2-T5.0C Datasheet
263Kb / 4P
Surface Mount TVS Diode
CDDFN2-T5.0LC BOURNS-CDDFN2-T5.0LC Datasheet
256Kb / 4P
Surface Mount TVS Diode
CDSOT23-SLVU2.8 BOURNS-CDSOT23-SLVU2.8 Datasheet
311Kb / 4P
Surface Mount TVS Diode
logo
StarHope
5.0SMDJ SPSEMI-5.0SMDJ Datasheet
551Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 11 TO 170 Volts
logo
Bourns Electronic Solut...
CDDFN2-T3.3B BOURNS-CDDFN2-T3.3B_16 Datasheet
255Kb / 4P
Surface Mount TVS Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com