Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVS-166UG2 Datasheet(PDF) 3 Page - Bright View Electronic Co., LTD.

Part # BVS-166UG2
Description  SUPER BRIGHTNESS SMD LED
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVS-166UG2 Datasheet(HTML) 3 Page - Bright View Electronic Co., LTD.

  BVS-166UG2 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVS-166UG2 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVS-166UG2 Datasheet HTML 3Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
BVS-166/167 Series
CHIP LEDS PACKING
2003 / 11 / 12 - A
ITEM NO.
DEVICE:
Q'TY
PCS.
N. W.:
KGS.
G. W.:
KGS.
RE
Y
4.0
0.10
1.5
0.10
2.0
0.05
4.0
0.10
8.0
0.20
1.75
0.10
3.5
0.05
Feeding direction
0.23
0.05
0.75
0.10
178
1.0
60
0.5
39
24
22
CARTON
Dimension(cm): 39*24*22
UNIT : mm
UNIT : mm
Carton : 30 Reels
Total : 120,000PCS
Electronics Co.,Ltd.
BVS-16XXXX
Q'ty
LOT NO.:
GRADE:
PART NO.:
-
pcs
X-
QA
Bright View
Label 1
Reel : 4,000PCS
Electronics Co.,Ltd.
ELECTROSTATIC SENSITIVE DEVICES
DO NOT OPEN OR HANDLE EXCEPT
AT A STATIC-FREE WORKSTATION
PART NO.:
GRADE:
LOT NO.:
Bright View
Q'ty
pcs
QA
Label 2
Anti-electrostatic bag
Normal
X: Bin grade
: Wavelength
: Vf
Cathode mark
1.80
0.10
12
0.5
- BVS-166
0.60
0.10 - BVS-167



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com