Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MI-IAM Datasheet(PDF) 2 Page - Vicor Corporation

Part # MI-IAM
Description  Military Input Attenuator Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MI-IAM Datasheet(HTML) 2 Page - Vicor Corporation

  MI-IAM Datasheet HTML 1Page - Vicor Corporation MI-IAM Datasheet HTML 2Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MI-IAM Model Selection Chart
Product Grade Specifications
MI-IAM Safe Operating Area*
5
6
7
8
9
4
3
2
1
0.080 Dia (2) places
Solder plate
over copper alloy
0.040 (1,0) Dia (7) places
Solder plate
over copper alloy
.01
Aluminum Base
Product ID
this surface
Function
+In
–In
+Out
Parallel
Gate Out
–Out
Pin #
1
2
3
4
5
6
7
8
9
FULL R
+0.030 (0,76)
-0.000 (0)
(5,6) Min.
(7,6) Min.
(44,4) Max.
2.40
2.28
0.12
0.50
1.90
0.65
(16,5)
0.49
(12,4)
0.30±.015
(7,6)±(0,38)
0.15
2.10
(53,4)
1.30
0.40
(10,2)
0.35± 0.015
(8,9)±(0,38)
1.40
(35,6)
1.00
(25,4)
0.70
(17,8)
+In
–In
Gate In
VI-IAM
(57,9)
(33,0)
(3,8)
0.15
(3,8)
(48,3)
0.22
(3,0)
(12,7)
0.30
(61,0)
1.75
*Test data available for review or download from vicorpower.com
Mechanical Drawing
PARAMETER
PRODUCT GRADE
I- Grade
M - Grade
Storage temperature
-55°C to +125°C
-65°C to +125°C
Operating temperature (baseplate)
-40°C to +100°C
-55°C to +100°C
Power cycling burn-in
12 hours, 25 cycles
96 hours, 200 cycles
Temperature cycled with power off
12 cycles
12 cycles
17°C per minute rate of change
-65°C to +100°C
-65°C to +100°C
Test data supplied at these temperatures*
-40°C, +80°C
-55°C, +80°C
Warranty
2 years
2 years
Environmental compliance
MIL-STD-810
MIL-STD-810
Derating
NAVMAT P - 4855-1A
NAVMAT P - 4855-1A
MI-IAM
Gate Out
Parallel
Gate In
+Out
-Out
-In
-In
+In
+In
+
–
-Out
-S
+S
+Out
+In
Gate In
Gate Out
-In
MI-Converter
Trim
C1
4700 pF
4700 pF
Input Voltage Range Capacitance (C1)
28Vdc (18.8-50V)
390µF (Max.)
270Vdc (125-400V)
27µF (Max.)
Model Number
Nominal Input Voltage
Input Range
Compatible MI-Series
Converter
MI-A22-MU
28Vdc
18.8 – 50Vdc
MI-22x and MI-J2x-Mx
M–grade
MI-A66-MU
270Vdc
125– 400Vdc
MI-26x and MI-J6x-Mx
M–grade
MI-A22-IU
28Vdc
18.8 – 50Vdc
MI-22x and MI-J2x-Ix
I–grade
MI-A66-IU
270Vdc
125– 400Vdc
MI-26x and MI-J6x-Ix
I–grade
Typical Connection Diagram
TIME (SECONDS)
1s
0
10
100ms
-1
10
10ms
-2
10
1ms
-3
10
100µs
-4
10
10µs
-5
10
1µs
-6
10
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
Ratings Exceeded
Reverse Polarity
Protection
50V
OVP
TIME (SECONDS)
1s
0
10
100ms
-1
10
10ms
-2
10
1ms
-3
10
100µs
-4
10
10µs
-5
10
1µs
-6
10
600
400
200
0
200
400
600
800
Ratings Exceeded
Reverse Polarity
Protection
500V
OVP
400V
28Vdc Input
270Vdc Input
* Refer to input characteristics
MI-IAM
MI-IAM 04/03
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com