Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS12K1 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS12K1
Description  Non-illuminated/Horizontal Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS12K1 Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  LS12K1 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LS12K1 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
85
●外形寸法図 Outline drawing
●電気的・機械的特性 Electro-Mechanical Characteristics
(Ta 25℃)
Item
スイッチ作動力 Switch operating force
1.18N
1.57N
最大定格 Maximum rating
DC12V 20mA
接触抵抗 Contact resistance
100mΩ以下 100mΩ or less
絶縁抵抗 Insulation resistance
100MΩ以上 100MΩ or more
耐電圧 Withstanding voltage
AC250V 1分間 AC250V for one minute
バウンス Bounce
20ms以下 20ms or less
ストローク Stroke
0.2mm
作動力 Operating force
1.18N±0.39N
1.57±0.49N
20万回以上
10万回以上
動作寿命 Operating life (times)
200,000 or more
100,000 or more
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
※金属ケースダミーパターン Metal case dummy pattern
単位 Unit : mm
単位 Unit : mm
1.1
0.55
0.65
1.1
0.95 0.95
0.8
2-φ0.6
(穴 Holes)
2-R 0.4
S1
S2
※
※
※
回路図
Circuit diagram
2.9
(1.95)
0.95
0.4
(1.35)
1.55
0.775



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com