Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VI-ARM Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-ARM
Description  Autoranging Rectifier Modules Up to 1500 Watts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-ARM Datasheet(HTML) 1 Page - Vicor Corporation

  VI-ARM Datasheet HTML 1Page - Vicor Corporation VI-ARM Datasheet HTML 2Page - Vicor Corporation VI-ARM Datasheet HTML 3Page - Vicor Corporation VI-ARM Datasheet HTML 4Page - Vicor Corporation VI-ARM Datasheet HTML 5Page - Vicor Corporation VI-ARM Datasheet HTML 6Page - Vicor Corporation VI-ARM Datasheet HTML 7Page - Vicor Corporation VI-ARM Datasheet HTML 8Page - Vicor Corporation VI-ARM Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
ARM, Autoranging Rectifier Module
Rev. 2.4
Page 1 of 12
Set your site on VICOR at www.vicorpower.com
VI-ARM
TM
Autoranging Rectifier Modules
Up to 1500 Watts
45
Features
• Autoranging input
• Microprocessor controlled
• VI-ARM-1
500 Watts @ 90-132Vac
750 Watts @ 180-264Vac
• VI-ARM-2
1000 Watts @ 90-132Vac
1500 Watts @ 180-264Vac
• 96-98% Efficiency
• 100˚C baseplate (no derating)
• UL, CSA, TÜV, VDE, BABT
• AC Bus OK, module enable
• Inrush limiting (no external circuitry)
• CE Marked
Typical Applications: systems requiring a
rugged, full featured interface to the AC
mains in the smallest possible package.
Product Highlights
The ARM (Autoranging Rectifier Module)
is an AC front end module which provides
autoranging line rectification and inrush
current limiting. The ARM is available in
either 500/750W or 750/1000W models in a
mini sized package measuring only 2.28" x
1.45" x 0.5".
The ARM interfaces directly with
worldwide AC mains and may be used with
Vicor 1st or 2nd Generation 300V input
DC-DC converters to realize an
autoranging, high density, low profile
switching power supply. The ARM includes
a microcontroller that continuously
monitors the AC line to control
bridge/doubler operation. The user need
only provide external capacitance to satisfy
system hold-up requirements.
Vicor 2nd Generation packaging technology
offers flexible mounting options for various
manufacturing processes. The ARM may be
installed as a conventional leaded device
for on-board applications, in-board for low
profile, height restricted applications,
socketed or surface mounted with optional
ModuMate interconnect products.
Actual size:
2.28 x 1.45 x 0.5 in
57,9 x 36,8 x 12,7 mm
Parameter
Rating
VI-ARM-1/VI-ARM-2
Unit
Notes
L to N
264
Vac
L to N
280
Vac
100ms
+Out to –Out
400
Vdc
B OK to –Out
16
Vdc
EN to –Out
16
Vdc
Output power
500/1000
Watts
90-132Vac
750/1500
Watts
180-264Vac
Mounting torque
4 - 6 (0.45 - 0.68)
in - lbs (N-m)
6 each, 4-40 screw
Pin soldering temperature
500 (260)
°F (°C)
<5 sec; wave solder
Pin soldering temperature
750 (390)
°F (°C)
<7 sec; hand solder
Storage temperature, C–,& T– Grade – 40 to +125
°C
Baseplate
Operating temperature, C– Grade
–20 to +100
°C
Baseplate
Operating temperature, T– Grade
– 40 to +100
°C
Baseplate
Parameter
Typ
Unit
Baseplate to sink; flat, greased surface
0.24
°C/Watt
Baseplate to sink; with thermal pad (P/N 16495)
0.3
°C/Watt
Baseplate to ambient- free convection
15
°C/Watt
Baseplate to ambient; 1000 LFM- forced air
2.7
°C/Watt
Thermal capacity
48
Watt-sec/°C
Product
Type
1 = 500/1000W
2 = 750/1500W
Pin Style*
1 = Short
2 = Long
S=Short Modumate
N=Long Modumate
Product Grade
C = –20°C to +100°C
T = –40°C to +100°C
H = –40°C to +100°C
M = –55°C to +100°C
Thermal Resistance and Capacity
Absolute Maximum Ratings
Part Numbering
*Pin styles S & N are compatible with the ModuMate interconnect system for socketing and surface mounting.
VI-ARM-
C
1
2


Similar Part No. - VI-ARM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
AC INPUT - AUTORANGING
logo
Vicor Corporation
VI-ARM-C112 VICOR-VI-ARM-C112 Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM-C113 VICOR-VI-ARM-C113 Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM-C122 VICOR-VI-ARM-C122 Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
More results

Similar Description - VI-ARM

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
Intelligent MP Series Up to 1500 Watts
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
1500 Watts
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11_15 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11_17 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
FARMXXXX VICOR-FARMXXXX Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com