Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVU-5M5WI5 Datasheet(PDF) 2 Page - Bright View Electronic Co., LTD.

Part # BVU-5M5WI5
Description  ULTRA BRIGHTNESS LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVU-5M5WI5 Datasheet(HTML) 2 Page - Bright View Electronic Co., LTD.

  BVU-5M5WI5 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVU-5M5WI5 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVU-5M5WI5 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVU-5M5WI5 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVU-5M5WI5 Datasheet HTML 5Page - Bright View Electronic Co., LTD. BVU-5M5WI5 Datasheet HTML 6Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
BIN GRADE LIMITS (IF=20 mA) CHROMATICITY COORDINATES
x
0.260
0.260
0.275
0.275
x
0.320
0.320
0.335
0.335
y
0.200
0.240
0.260
0.220
y
0.290
0.330
0.350
0.310
x
0.275
0.275
0.290
0.290
x
0.335
0.335
0.350
0.350
y
0.220
0.260
0.280
0.240
y
0.310
0.350
0.370
0.330
x
0.290
0.290
0.305
0.305
x
0.350
0.350
0.365
0.365
y
0.240
0.280
0.305
0.265
y
0.330
0.370
0.390
0.350
x
0.305
0.305
0.320
0.320
x
0.365
0.365
0.380
0.380
y
0.265
0.305
0.330
0.290
y
0.350
0.390
0.410
0.370
2010/1/26 – A
WB1
WD1
ULTRA BRIGHTNESS LED LAMP
BVU-5M5WI5
WD2
WC1
WA2
WC2
WA1
WB2
WA1
WA2
WB1
WB2
WC1
WC2
WD1
WD2
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com