Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

URAM2M21 Datasheet(PDF) 7 Page - Vicor Corporation

Part # URAM2M21
Description  Output Ripple Attenuation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

URAM2M21 Datasheet(HTML) 7 Page - Vicor Corporation

  URAM2M21 Datasheet HTML 1Page - Vicor Corporation URAM2M21 Datasheet HTML 2Page - Vicor Corporation URAM2M21 Datasheet HTML 3Page - Vicor Corporation URAM2M21 Datasheet HTML 4Page - Vicor Corporation URAM2M21 Datasheet HTML 5Page - Vicor Corporation URAM2M21 Datasheet HTML 6Page - Vicor Corporation URAM2M21 Datasheet HTML 7Page - Vicor Corporation URAM2M21 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Set your site on VICOR at www.vicorpower.com
PRELIMINARY
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
MicroRAM
Rev. 1.1
Page 7 of 8
Figure 12—V300B12C250A and µRAM; Input and output
dynamic response no added CTRAN; 17.5% of 20A rating load
step of 3.5A (10A➟13.5A);RHR=80k (Configured as in Figs. 1 & 2)
Figure 11—V375B12C250A and µRAM; Input and output ripple
@50% (10A) load CH1=Vi; CH2=Vo; Vi-Vo=305mV; RHR=80k
(Configured as in Figs. 1 & 2)
Figure 13—V300B12C250A and µRAM; Input and output
dynamic response CTRAN=820µF Electrolytic; 30% of load
step of 6A (10A➟16A);RHR=80k (Configured as in Figs. 1 & 2)
Figure 14—V48C5C100A and µRAM; Input and output ripple
@50% (10A) load CH1=Vi; CH2=Vo; Vi-Vo=327mV; RHR=31k
(Configured as in Figs. 1 & 2)
µRAM2xxx
Figure 15—V48C5C100A and µRAM; Input and output dynamic
response no added CTRAN; 22.5% of 20A rating load step of 4.5A
(10A➟14.5A);RHR=31k (Configured as in Figs. 1 & 2)
Figure 16—V48C5C100A and µRAM; Input and output dynamic
response CTRAN=820µF Electrolytic; 35% of load step of 7A
(10A➟17A);RHR=31k (Configured as in Figs. 1 & 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com