Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVZ-916BA4 Datasheet(PDF) 2 Page - Bright View Electronic Co., LTD.

Part # BVZ-916BA4
Description  SUPER FLUX LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVZ-916BA4 Datasheet(HTML) 2 Page - Bright View Electronic Co., LTD.

  BVZ-916BA4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVZ-916BA4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVZ-916BA4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVZ-916BA4 Datasheet HTML 4Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
SUPER FLUX LED
BVZ-916BA4
-25025
50
125
100
75
-50
-25
0
0.5
1.0
1.5
2.0
2.5
3.0
FIG. 4 Relative Intensity vs. Temperature
Ambient Temperature Ta ( °C )
050
25
75
100 125
FIG. 5 Relative Intensity vs. Wavelength ( p )
Wavelength ( nm )
0
20
40
60
80
100
120
FIG. 6 Maximum Forward Current
100
90
70
80
30
50
40
60
10
0
20
2.8
3.2
3.6
4.0
2.4
10
60
20
30
40
50
0
70
550
500
450
400
0
40
30
20
10
( Ta = 25 °C )
vs. Temperature
3.0
2.5
2.0
1.5
0.5
1.0
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTIC CURVES
( Ta = 25 °C )
( Ta = 25 °C )
Ambient Temperature Ta ( °C )
Ambient Temperature Ta ( ° C )
0.5
0
1.0
0
FIG. 1 Forward Current vs. Forward Voltage
Forward Voltage Vf ( V )
FIG. 2 Relative Total Flux vs. Forward Current
Forward Current If ( mA )
1.2
FIG. 3 Forward Voltage vs. Temperature
1.1
1.0
0.9
0.8
-50
2006/3/20 - A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com