Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BVZ-916WI4 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVZ-916WI4
Description  SUPER FLUX LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVZ-916WI4 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVZ-916WI4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVZ-916WI4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVZ-916WI4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVZ-916WI4 Datasheet HTML 4Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
DESCRIPTION
Dice Material : GaN Blue
Light Color : White Color
Lens Color : Water Transparent
ESD : 2000V (HBM)
RADIATION PATTERN
Tolerance ± 0.25
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
UNIT
mW
mA
mA
V
mA/oC
oC
oC
oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL
UNIT
V F
I F = 30mA
V
I R
V R = 5V
A
2
1/2
I F = 30mA
Deg
V /
V
cd/lm
R
j-pin
oC/W
BIN GRADE LIMITS ( I F = 30 mA ) CHROMATICITY COORDINATES
x
0.26
0.26
0.29
0.29
x
0.32
0.32
0.35
0.35
y
0.24
0.28
0.32
0.28
y
0.33
0.37
0.41
0.37
x
0.29
0.29
0.32
0.32
x
0.35
0.35
0.38
0.38
y
0.28
0.32
0.37
0.33
y
0.37
0.41
0.45
0.41
BIN GRADE LIMITS ( I F = 30 mA ) Total Flux / lm
Bin
D
E
F
G
H
I
Min.
1.7
2.2
2.8
3.6
4.7
6.0
Max.
2.2
2.8
3.6
4.7
6.0
7.8
Tolerance ± 15%lm
*These products are sensitive to static electricity.Caution must be taken strictly to avoid static electricity.
*Chromaticity Coordinates,x.y is according to CIE Chromaticity Diagram base on color of the device.
*
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
–C
55 to
100
30 to
80
LED Junction Temperature
125
Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width )
100
Reverse Voltage
PACKAGE CONFIGURATION
Soldering Preheat Temperature
Lead Solder Temperature ( 1.5mm Below Seating Plane )
100 °C for 30 seconds
Continuous Forward Current
30
260 °C for 5 seconds
BVZ-916WI4
PARAMETER
MAX.
Power Dissipation
120
5
0.4
MAX.
Forward Voltage
3.2
4.0
PARAMETER
TEST COND.
MIN.
WB
TYP.
10
Reverse Current
Viewing Angle
WA
One delivery will include three different ranks of products.
Measurement Uncertainty of the color coordinates : ±0.02
Luminous Intensity / Total Flux
Thermal Resistance
2006/3/15
WD
125
WC
SUPER FLUX LED
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice.
60
Operating Temperature Range
Storage Temperature Range
0.8
Derating Linear From 25°C
0
Viewlng Angle
100
20
4 0
60
80
-20
-40
-60
-80
75
50
25
0
2 X R 0.69
0.20
7.62
0.5
0.4
5.08
0.3
1.5
3.0
1.25 X 1.25
ANODE
CATHODE
5.08
0.76
5.0
1.55
4.4
7.62
0.5
0.5
2.5
5.0


Similar Part No. - BVZ-916WI4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVZ-916BA4 BVLED-BVZ-916BA4 Datasheet
263Kb / 4P
SUPER FLUX LED
BVZ-916EA4 BVLED-BVZ-916EA4 Datasheet
176Kb / 3P
SUPER FLUX LED
BVZ-916GE4 BVLED-BVZ-916GE4 Datasheet
261Kb / 4P
SUPER FLUX LED
BVZ-916GN4 BVLED-BVZ-916GN4 Datasheet
263Kb / 4P
SUPER FLUX LED
BVZ-916QH4 BVLED-BVZ-916QH4 Datasheet
253Kb / 3P
SUPER FLUX LED
More results

Similar Description - BVZ-916WI4

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTF-37BLCS-XX-X DBLECTRO-BTF-37BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
BTF-57BLCS-XX-X DBLECTRO-BTF-57BLCS-XX-X Datasheet
121Kb / 2P
SUPER FLUX LED
logo
Bright View Electronic ...
BVZ-914GN4 BVLED-BVZ-914GN4 Datasheet
262Kb / 4P
SUPER FLUX LED
BVZ-914QS4 BVLED-BVZ-914QS4 Datasheet
262Kb / 3P
SUPER FLUX LED
BVZ-915QT4 BVLED-BVZ-915QT4 Datasheet
194Kb / 3P
SUPER FLUX LED
BVZ-916QH4 BVLED-BVZ-916QH4 Datasheet
253Kb / 3P
SUPER FLUX LED
BVZ-916QT4 BVLED-BVZ-916QT4 Datasheet
192Kb / 3P
SUPER FLUX LED
BVZ-922QT4 BVLED-BVZ-922QT4 Datasheet
248Kb / 3P
SUPER FLUX LED
BVZ-922TT4 BVLED-BVZ-922TT4 Datasheet
248Kb / 3P
SUPER FLUX LED
logo
List of Unclassifed Man...
QBPP350C-IB ETC1-QBPP350C-IB Datasheet
467Kb / 6P
Super Flux LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com