Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA06 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HA06
Description  NPN SILICON TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HA06 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HA06 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█
APPLICATIONS
General Purpose Amplifier.
█
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
█
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max
Uni
t
Test Conditions
BVCEO
Collector-Emitter Breakdown Voltage
80
V
IC=1mA, IB=0
BVEBO
Emitter-Base Breakdown Voltage
4
V
IE=100μA,IC=0
HFE(1) DC Current Gain
50
VCE=1V, IC=10mA
HFE(2) DC Current Gain
50
VCE=1V, IC=100mA
VCE(sat)
Collector- Emitter Saturation Voltage
0.25
V
IC=100mA, IB=10mA
VBE(on) Base-Emitter On Voltage
1.2
V
VCE=1V, IC=100mA
ICBO
Collector Cut-off Current
100
nA
VCB=80V, IE=0
ICEO
Collector Cut-off Current
100
nA
VCE=60V, IB=0
fT
Current Gain-Bandwidth Product
100
MHz
VCE=20V,IC=10mA, f=100MHz
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation…………………………………625mW
VCBO——Collector-Base Voltage………………………………80V
VCEO——Collector-Emitter Voltage……………………………80V
VEBO——Emitter-Base Voltage………………………………4V
IC——Collector Current……………………………………500mA
1―Emitter,E
2―Base,B
3―Collector,C
TO-92
HA06
NPN SILICON TRANSISTOR


Similar Part No. - HA06

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA0001 HBH-HA0001 Datasheet
17Kb / 1P
1 - 150 MHz Amplifier
logo
Holtek Semiconductor In...
HA0003E HOLTEK-HA0003E Datasheet
468Kb / 60P
Cost-Effective A/D Type 8-Bit MCU
November 28, 2007
HA0004E HOLTEK-HA0004E Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HA0005E HOLTEK-HA0005E Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
HA0011E HOLTEK-HA0011E Datasheet
326Kb / 47P
A/D Type 8-Bit OTP MCU
November 1, 2005
More results

Similar Description - HA06

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com