Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF10C60 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HCF10C60
Description  Silicon Controlled Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HCF10C60 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HCF10C60 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HCF10C60 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HCF10C60 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
Shantou Huashan Electronic Devices Co.,Ltd.
 
█ Electrical Characteristics(T
a=25℃ unless otherwise specified)
Symbol
Items
Min.
Typ.
Max.
Unit
Conditions
IDRM
Repetitive Peak Off-State
Current
10
200
uA
VAK=VDRM
Ta=25℃ 
Ta=125℃
VTM
Peak On-State Voltage (1)
1.6
V
ITM=20A,tp=380µs
IGT
Gate Trigger Current(2)
15
mA
VAK =6V(DC), RL=10 ohm
VGT
Gate Trigger Voltage (2)
1.5
V
VAK =6V(DC), RL=10 ohm
Ta=25℃
VGD
Non-Trigger Gate Voltage
0.2
V
VAK =12V, RL=100 ohm
Ta=125℃
IH
Holding Current
20
mA
IT=100mA,Gate open,
Ta=25℃
Rth(j-c)
Thermal Resistance
1.3
℃/W
Junction to Case
Rth(j-a)
Thermal Resistance
60
℃/W
Junction to Ambient
dv/dt
Critical Rate of Rise Off-state
Voltage
200
V/µs
Linear slope up to VD=VDRM67%
Gate open
Tj=125℃
1.
Forward current applied for 1 ms maximum duration,duty cycle ≤1%.
2.
RGK current is not included in measurement
█ Performance Curves
FIGURE 1 – Gate Characteristics
FIGURE 2 –Maximum CaseTemperture
Gate
Current
(mA)
Average On-State Current (mA)
HCF10C60



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com