Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFP640 Datasheet(PDF) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HFP640
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HFP640 Datasheet(HTML) 2 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HFP640 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP640 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP640 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP640 Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP640 Datasheet HTML 5Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP640 Datasheet HTML 6Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█
Electrical Characteristics(Ta=25℃ unless otherwise specified)
Symbol
Items
Min.
Typ.
Max.
Unit
Conditions
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
200
V
ID=250µA ,VGS=0V
25
µA
VDS =200V, VGS=0V
IDSS
Zero Gate Voltage Drain Current
250
µA
VDS =160V, VGS=0V,Tj=125℃
IGSS
Gate – Body Leakage
±100
nA
VGS= ±20V , VDS =0V
On Characteristics
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS , ID=250µA
RDS(on)
Static Drain-Source On-Resistance
0.18
Ω
VGS=10V, ID=9A
gFS
Forward Transconductance
4.3
S
VDS=40V, ID=9A (Note 1)
Dynamic Characteristics and Switching Characteristics
Ciss
Input Capacitance
1700
pF
Coss
Output Capacitance
230
pF
Crss
Reverse Transfer Capacitance
60
pF
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
td(on)
Turn - On Delay Time
50
nS
tr
Rise Time
300
nS
td(off)
Turn - Off Delay Time
300
nS
tf
Fall Time
230
nS
VDD = 100 V, ID = 18Apk
RG= 25 Ω (Note 1,2)
Qg
Total Gate Charge
45
58
nC
Qgs
Gate–Source Charge
6.5
nC
Qgd
Gate–Drain Charge
22
nC
VDS=0.8VDSS, ID=18A,
VGS = 10 V (Note 1,2)
Drain-Source Diode Characteristics and Maximun Ratings
IS
Continuous Source–Drain Diode
Forward Current
18
A
ISM
Pulsed
Drain-Source
Diode
Forward Current
72
A
VSD
Source–Drain
Diode
Forward
On–Voltage
1.5
V
IS=18A,VGS=0
Notes:
1. Pulse Test: Pulse width≤300μS,Duty cycle≤2%
2. Essentially independent of operating temperature
HFP640



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com